Electronic Components Datasheet Search
  English  ▼

X  

358RPFS Datasheet(PDF) 4 Page - Maxwell Technologies

Part # 358RPFS
Description  8-Channel Fault-Protected Analog Multiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

358RPFS Datasheet(HTML) 4 Page - Maxwell Technologies

  358RPFS Datasheet HTML 1Page - Maxwell Technologies 358RPFS Datasheet HTML 2Page - Maxwell Technologies 358RPFS Datasheet HTML 3Page - Maxwell Technologies 358RPFS Datasheet HTML 4Page - Maxwell Technologies 358RPFS Datasheet HTML 5Page - Maxwell Technologies 358RPFS Datasheet HTML 6Page - Maxwell Technologies 358RPFS Datasheet HTML 7Page - Maxwell Technologies 358RPFS Datasheet HTML 8Page - Maxwell Technologies 358RPFS Datasheet HTML 9Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
All data sheets are subject to change without notice
©2004 Maxwell Technologies
All rights reserved.
8-Channel Fault-Protected Analog Multiplexer
358
02.06.04 Rev 3
Channel Input
Capacitance4
4, 5, 6
C
S(OFF)
+25°C
5
pF
Channel Output
Capacitance4
4, 5, 6
C
D(OFF)
+25°C
25
pF
Digital Input
Capacitance4
4, 5, 6
C
A
+25°C
5
pF
Digital Output
Capacitance4
4, 5, 6
C
DS(OFF)
+25°C
0.1
pF
SUPPLY
Positive Supply Current
V
EN = 0.8V or 2.4V
V
A = 0V or 5V
1, 2, 3
I+
+25°C
Full
0.1
0.3
0.6
0.7
mA
Negative Supply Current V
EN = 0.8V or 2.4V
V
A = 0V or 5V
1, 2, 3
I-
+25°C
Full
0.01
0.02
0.1
0.2
mA
Power Supply Range for
Continuous Operation
5
1, 2, 3
V
OP
+25°C
±4.5
±18
V
1. The value shown is the steady state value. The transient leakage is typically 10 µ A.
2. When the analog signal exceeds +13.5V or -12V the blocking action of the gate structure goes into operation. Only leakage cur-
rents flow and the channel on resistance rises to infinity.
3. Digital input leakage is primarily due to the clamp diodes. Typical leakage is less than 1 nA @ +25°C.
4. Guaranteed by design.
5. Electrical characteristics, such as ON Resistance, will change when power supplies other than ±15V are used.
TABLE 3. 358 ELECTRICAL CHARACTERISTICS
(V+ = 15V, V- = -15V, V
AH = 2.4V, VAL = 0.8V, TA = -55 TO +125° C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
TEST CONDITIONS
SUBGROUPS
SYMBOL
TEMP
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com