Electronic Components Datasheet Search
  English  ▼

X  

358RPFS Datasheet(PDF) 2 Page - Maxwell Technologies

Part # 358RPFS
Description  8-Channel Fault-Protected Analog Multiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

358RPFS Datasheet(HTML) 2 Page - Maxwell Technologies

  358RPFS Datasheet HTML 1Page - Maxwell Technologies 358RPFS Datasheet HTML 2Page - Maxwell Technologies 358RPFS Datasheet HTML 3Page - Maxwell Technologies 358RPFS Datasheet HTML 4Page - Maxwell Technologies 358RPFS Datasheet HTML 5Page - Maxwell Technologies 358RPFS Datasheet HTML 6Page - Maxwell Technologies 358RPFS Datasheet HTML 7Page - Maxwell Technologies 358RPFS Datasheet HTML 8Page - Maxwell Technologies 358RPFS Datasheet HTML 9Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
All data sheets are subject to change without notice
©2004 Maxwell Technologies
All rights reserved.
8-Channel Fault-Protected Analog Multiplexer
358
02.06.04 Rev 3
TABLE 1. PINOUT DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1, 16, 15
A0-A2
Address Inputs
2
Enable
Enable Inputs
3
-V Supply
Negative Supply Voltage
4-7, 12-9
IN1-IN8
Analog Inputs-bidirectional
8
OUT
Output-bidirectional
13
+V Supply
Positive Supply Voltage
14
GND
Ground
TABLE 2. 358 ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MAX
UNITS
Voltage between Supply Pins
V+
V-
+44
+22
-22
V
Digital Input Overvoltage
VEN, VA Vsupply (+)
Vsupply (-)
+4
-4
V
Analog Input Overvoltage with Multiplexer
Power On:
VS Vsupply (+)
Vsupply (-)
+20
-20
V
Analog Input Overvoltage with Multiplexer
Power Off:
VS Vsupply (+)
Vsupply (-)
+35
-35
V
Continuous Current
Peak Current
(Pulse at 1 ms, 10% duty cycle max)
20
40
mA
Thermal Impedance
Θ
JC
2.69
°C/W
Weight
2.25
Grams
Operating Temperature Range:
T
A
-55 to +125
°C
Storage Temperature Range:
T
S
-65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com