Electronic Components Datasheet Search
  English  ▼

X  

424 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 424
Description  32-Pin DIP 4-Pole Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

424 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  424 Datasheet HTML 1Page - List of Unclassifed Manufacturers 424 Datasheet HTML 2Page - List of Unclassifed Manufacturers 424 Datasheet HTML 3Page - List of Unclassifed Manufacturers 424 Datasheet HTML 4Page - List of Unclassifed Manufacturers 424 Datasheet HTML 5Page - List of Unclassifed Manufacturers 424 Datasheet HTML 6Page - List of Unclassifed Manufacturers 424 Datasheet HTML 7Page - List of Unclassifed Manufacturers 424 Datasheet HTML 8Page - List of Unclassifed Manufacturers 424 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
4-Bit Programmable Filters
424 Series
Digital Tuning &
Control Characteristics
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
Digital Tuning Characteristics
The digital tuning interface circuits are a parallel set of CMOS
switches which accept CMOS compatible inputs for the four
tuning bits (D0 - D3).
Binary Tuning Range
Pin-Out Key
IN
Analog Input Signal
D
3
Tuning Bit 3 (MSB)
OUT Analog Output Signal
D
2
Tuning Bit 2
GND Power and Signal Return D
1
Tuning Bit 1
+Vs
Supply Voltage, Positive
D
0
Tuning Bit 0 (LSB)
-Vs
Supply Voltage, Negative +5V Logic Power
Os
Offset Adjustment
Data Input Specifications
Input Data Levels
(+5Vdc CMOS Logic)
Input Voltage (Vs=15 Vdc)
Low Level In
0 Vdc min.
0.5 Vdc max.
High Level In
3.5 Vdc min.
5.0 Vdc max.
Input Current
High Level In
-0.4
mA typ.
-2.0
mA max.
Low Level In
+0.4
mA typ.
+2.0
mA max.
Input Capacitance
20 pF typ.
30 pF max.
Input Data Format
Frequency Select Bits
Positive Logic
Logic “1” = (+5Vdc)
Logic “0” = Gnd
Bit Weight
(Binary-Coded)
D
0
LSB (least significant bit)
D
3
MSB (most significant bit)
Frequency Range16:1 Binary Weighted
MSB
---
---
LSB
Bit
Weight
2
3
2
2
2
1
2
0
fc - corner
D
3
D
2
D
1
D
0
frequency
00
0
0
f
max/16
00
0
1
f
max/8
00
1
1
f
max/4
01
1
1
f
max/2
11
1
1
f
max
Binary Tuning Equation:
fc = (fmax/16) [1+ D3 x 23 + D2 x 22 + D1 x 21 + D0 x 20]
where D1 - D3 = “0” or “1”, and
fmax = Maximum tuning frequency
fc = Corner frequency;
Minimum tunable frequency = fmax/16 (D0 thru D3 = 0);
Minimum frequency step (Resolution) = fmax /16
Discrete Frequencies
FD
0
D
1
D
2
D
3
F
B
00
0
0
F
1
10
0
0
F
2
11
0
0
F
3
11
1
0
F
4
11
1
1
Discrete Tuning Equation:
fc = FB + D0[
Df0] + D1[Df1] + D2[Df2] + D3[Df3]
Df0, Df1, Df2, Df3 are the incremental frequency shifts for the data
bits D0, D1, D2 and D3. They are selected to realize the five
customer specified programming frequencies FB
fi F4. Other
programming codes produce valid fc’s between FB and F4.
Bottom View
0.70
0.80
0.00
0.10
Gnd Os
-Vs +Vs
D0
D2 D3
D1
+5V
Out
In
4
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com