Electronic Components Datasheet Search
  English  ▼

X  

424 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 424
Description  32-Pin DIP 4-Pole Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

424 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  424 Datasheet HTML 1Page - List of Unclassifed Manufacturers 424 Datasheet HTML 2Page - List of Unclassifed Manufacturers 424 Datasheet HTML 3Page - List of Unclassifed Manufacturers 424 Datasheet HTML 4Page - List of Unclassifed Manufacturers 424 Datasheet HTML 5Page - List of Unclassifed Manufacturers 424 Datasheet HTML 6Page - List of Unclassifed Manufacturers 424 Datasheet HTML 7Page - List of Unclassifed Manufacturers 424 Datasheet HTML 8Page - List of Unclassifed Manufacturers 424 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
10 Hz to 102.4 kHz
4-Bit Programmable
424 Series
32-Pin DIP
4-Pole Filters
Description
The 424 Series are 4-pole digitally programmable
low-pass and high-pass active filters. These new
filters take advantage of the company’s proprietary
designs using surface-mount technology to provide
a low profile, compact package in minimal board
space. 424 filters are factory tuned to one of ten
preset 4-bit binary ranges from 10 Hz to 102.4 kHz.
Contact the factory for custom discrete tuning
ranges, maximum span 1000:1.
All 424 Series models are easy to use fully finished
filters which require no external components or
adjustment. They feature low harmonic distortion,
near theoretical phase and amplitude characteristics
and operate over a dynamic input voltage range
from non-critical ±12V to ±18V power supplies.
Features/Benefits:
• Low harmonic distortion and wide signal-to-noise
ratio to 16-bit resolution.
• Compact 1.8"L x 0.8"W x 0.3"H min. (32-pin DIP
footprint) minimizes board space requirements.
• Digitally programmable corner frequency allows
selecting cut-off frequencies specific to each
application.
• Plug-in ready-to-use, reducing engineering design
and manufacturing cycle time.
• Factory tuned, no external clocks or adjustments
needed
• Broad range of transfer characteristics and corner
frequencies to meet a wide range of applications.
Applications
• Anti-alias filtering
• Data acquisition systems
• Communication systems and electronics
• Medical electronics equipment and research
• Aerospace, navigation and sonar applications
• Acoustic and vibration analysis and control
• Real and compressed time data analysis
• Noise elimination
• Signal reconstruction
Programmable Specifications. . . . . . . . . . . . . . Page
Digital Tuning & Control . . . . . . . . . . . . . . . . . . . . . . 2
Available Low-Pass Models: . . . . . . . . . . . . . . . . . . .
424L4B
4-pole Butterworth . . . . . . . . . . . . . . . . . . 3
424L4L
4-pole Bessel . . . . . . . . . . . . . . . . . . . . . . 3
424L4Y2 4-pole Cheby (0.2 dB Ripple) . . . . . . . . . . 3
424L4Y5 4-pole Cheby (0.5 dB Ripple) . . . . . . . . . . 3
Available High-Pass Models: . . . . . . . . . . . . . . . . . .
424H4B
4-pole Butterworth . . . . . . . . . . . . . . . . . . 4
424H4Y2 4-pole Cheby (0.2 dB Ripple) . . . . . . . . . . 4
424H4Y5 4-pole Cheby (0.5 dB Ripple) . . . . . . . . . . 4
General Specifications:
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . 5
Pin-out/package data. . . . . . . . . . . . . . . . . . . . . . . . . 5


Similar Part No. - 424

ManufacturerPart #DatasheetDescription
logo
Littelfuse
424 LITTELFUSE-424 Datasheet
68Kb / 2P
SURFACE MOUNT FUSES
logo
Bi technologies
424 BITECH-424 Datasheet
255Kb / 3P
Precision Potentiometer / Position Sensor
logo
TT Electronics.
424 TTELEC-424 Datasheet
1Mb / 4P
Linear Precision Potentiometer
04/2019
logo
Adafruit Industries
424 ADAFRUIT-424 Datasheet
152Kb / 2P
Precision screwdriver set (6 pieces)
2-6-24
logo
Permco, Inc.
424 PERMCO-424 Datasheet
1Mb / 2P
PUMPS AND MOTORS
More results

Similar Description - 424

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
428L4B ETC1-428L4B Datasheet
1,009Kb / 18P
32-Pin DIP 8-Pole Filters
DP64 ETC1-DP64 Datasheet
590Kb / 11P
32-Pin DIP 4 - Pole Filters
DP66 ETC1-DP66 Datasheet
894Kb / 6P
32 Pin DIP 6-Pole Filters
logo
Frequency Devices, Inc.
424L4B-1 FREQUENCYDEVICES-424L4B-1 Datasheet
840Kb / 12P
32-Pin DIP 4-Pole Filters
428L4B-1 FREQUENCYDEVICES-428L4B-1 Datasheet
980Kb / 18P
32-Pin DIP 8-Pole Filters
D01L8B FREQUENCYDEVICES-D01L8B Datasheet
555Kb / 10P
32-Pin DIP 8-, 6-, 4-Pole Filters
D61L4B FREQUENCYDEVICES-D61L4B Datasheet
701Kb / 6P
32-Pin DIP 4 - Pole Filters
D64L4B FREQUENCYDEVICES-D64L4B Datasheet
533Kb / 11P
32-Pin DIP 4 - Pole Filters
D66L6B FREQUENCYDEVICES-D66L6B Datasheet
581Kb / 6P
32 Pin DIP 6-Pole Filters
D68L8B FREQUENCYDEVICES-D68L8B Datasheet
471Kb / 17P
32 Pin DIP 8-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com