Electronic Components Datasheet Search
  English  ▼

X  

74540ATSOG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 74540ATSOG
Description  FAST CMOS OCTAL BUFFER/LINE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74540ATSOG Datasheet(HTML) 2 Page - Integrated Device Technology

  74540ATSOG Datasheet HTML 1Page - Integrated Device Technology 74540ATSOG Datasheet HTML 2Page - Integrated Device Technology 74540ATSOG Datasheet HTML 3Page - Integrated Device Technology 74540ATSOG Datasheet HTML 4Page - Integrated Device Technology 74540ATSOG Datasheet HTML 5Page - Integrated Device Technology 74540ATSOG Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74FCT540AT/CT
FASTCMOSOCTALBUFFER/LINEDRIVER
PI N CON FI GU RAT I ON
Symbol
Description
Max
Unit
VTERM(2) Terminal Voltage with Respect to GND
–0.5 to +7
V
VTERM(3) Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
Storage Temperature
–65 to +150
° C
IOUT
DC Output Current
–60 to +120
mA
ABSOLU T E M AX I M U M RAT I N GS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability. No terminal voltage may exceed
Vcc by +0.5V unless otherwise noted.
2. Inputs and Vcc terminals only.
3. Output and I/O terminals only.
Symbol
Parameter
(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
10
pF
COUT
Output Capacitance
VOUT = 0V
8
12
pF
CAPACI TAN CE (TA = +25°C, F = 1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
FU N CT I ON TABLE(1)
Inputs
OEA
OEB
D
Outputs
LLL
H
LL
H
L
HH
X
Z
Pin Names
Description
OEA, OEB
3-State Output Enable Inputs (Active LOW)
Dx
Inputs
O x
Outputs
PI N DESCRI PT I ON
NOTE:
1. H = HIGH Voltage Level
X = Don’t Care
L = LOW Voltage Level
Z = High Impedance
SOIC / QSOP
TOP VIEW
D0
D1
D2
D3
D4
D5
D6
D7
GND
O0
O1
O2
O3
O5
O7
O4
O6
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
OEB
OEA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com