Electronic Components Datasheet Search
  English  ▼

X  

74540ATSOG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 74540ATSOG
Description  FAST CMOS OCTAL BUFFER/LINE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74540ATSOG Datasheet(HTML) 1 Page - Integrated Device Technology

  74540ATSOG Datasheet HTML 1Page - Integrated Device Technology 74540ATSOG Datasheet HTML 2Page - Integrated Device Technology 74540ATSOG Datasheet HTML 3Page - Integrated Device Technology 74540ATSOG Datasheet HTML 4Page - Integrated Device Technology 74540ATSOG Datasheet HTML 5Page - Integrated Device Technology 74540ATSOG Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74FCT540AT/CT
FASTCMOSOCTALBUFFER/LINEDRIVER
1
N OV EM BER 2 0 1 6
I N DU ST RI AL T EM PERAT U RE RAN GE
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc.
© 2016 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-5588/7
FEATURES:
• A and C grades
• Low input and output leakage ≤
≤
≤
≤
≤1µA (max.)
• CMOS power levels
• True TTL input and output compatibility:
–VOH = 3.3V (typ.)
–VOL = 0.3V (typ.)
• High Drive outputs (-15mA IOH, 64mA IOL)
• Meets or exceeds JEDEC standard 18 specifications
• Power off disable outputs permit "live insertion"
• Available in SOIC and QSOP packages
FU N CT I ON AL BLOCK DI AGRAM
IDT74FCT540AT/CT
FAST CMOS OCTAL
BUFFER/LINE DRIVER
DESCRIPTION:
The IDT octal buffer/line driver is built using an advanced dual metal
CMOS technology. The FCT540T is similar in function to the FCT240T,
except that the inputs and outputs are on opposite sides of the package. This
pinout arrangement makes these devices especially useful as output ports
for microprocessors and as backplane drivers, allowing ease of layout and
greater board density.
D0
D2
D3
D4
D5
D6
D7
D1
O1
OEB
OEA
O0
O2
O3
O4
O5
O6
O7


Similar Part No. - 74540ATSOG

ManufacturerPart #DatasheetDescription
logo
Myrra
74540 MYRRA-74540 Datasheet
87Kb / 1P
CURRENT TRANSFORMERS
logo
Molex Electronics Ltd.
74540-0101 MOLEX-74540-0101 Datasheet
40Kb / 1P
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
74540-0401 MOLEX-74540-0401 Datasheet
40Kb / 1P
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
More results

Similar Description - 74540ATSOG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540 IDT-74FCT540 Datasheet
96Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT54FCT244 IDT-IDT54FCT244 Datasheet
128Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT Datasheet
69Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
List of Unclassifed Man...
74FCT244T ETC2-74FCT244T Datasheet
318Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Integrated Device Techn...
74FCT540T IDT-74FCT540T Datasheet
50Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT_16 Datasheet
80Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com