Electronic Components Datasheet Search
  English  ▼

X  

74VCX08 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 74VCX08
Description  Low Voltage Quad 2-Input AND Gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCX08 Datasheet(HTML) 4 Page - ON Semiconductor

  74VCX08 Datasheet HTML 1Page - ON Semiconductor 74VCX08 Datasheet HTML 2Page - ON Semiconductor 74VCX08 Datasheet HTML 3Page - ON Semiconductor 74VCX08 Datasheet HTML 4Page - ON Semiconductor 74VCX08 Datasheet HTML 5Page - ON Semiconductor 74VCX08 Datasheet HTML 6Page - ON Semiconductor 74VCX08 Datasheet HTML 7Page - ON Semiconductor 74VCX08 Datasheet HTML 8Page - ON Semiconductor 74VCX08 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
©1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Note:
2. IO Absolute Maximum Rating must be observed.
Recommended Operating Conditions(3)
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Note:
3. Floating or unused inputs must be held HIGH or LOW
Symbol
Parameter
Rating
VCC
Supply Voltage
–0.5V to +4.6V
VI
DC Input Voltage
–0.5V to 4.6V
VO
DC Output Voltage
HIGH or LOW State(2)
–0.5V to VCC+0.5V
VCC = 0V
–0.5V to +4.6V
IIK
DC Input Diode Current, VI < 0V
–50mA
IOK
DC Output Diode Current
VO < 0V
–50mA
VO > VCC
+50mA
IOH / IOL
DC Output Source/Sink Current
+50mA
ICC or GND DC VCC or Gound Current per Supply Pin
±100mA
TSTG
Storage Temperature Range
–65°C to +150°C
Symbol
Parameter
Rating
VCC
Power Supply Operating
1.2V to 3.6V
VI
Input Voltage
–0.3V to 3.6V
VO
Output Voltage, HIGH or LOW State
0V to VCC
IOH / IOL
Output Current
VCC = 3.0V to 3.6V
±24mA
VCC = 2.3V to 2.7V
±18mA
VCC = 1.65V to 2.3V
±6mA
VCC = 1.4V to 1.6V
±2mA
VCC = 1.2V
±100µA
TA
Free Air Operating Temperature
–40°C to +85°C
∆t / ∆V
Minimum Input Edge Rate, VIN = 0.8V to 2.0V, VCC = 3.0V
10ns/V
74VCX08 Rev. 1.9.1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com