Electronic Components Datasheet Search
  English  ▼

X  

74VCX08 Datasheet(PDF) 7 Page - ON Semiconductor

Part # 74VCX08
Description  Low Voltage Quad 2-Input AND Gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCX08 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button 74VCX08 Datasheet HTML 3Page - ON Semiconductor 74VCX08 Datasheet HTML 4Page - ON Semiconductor 74VCX08 Datasheet HTML 5Page - ON Semiconductor 74VCX08 Datasheet HTML 6Page - ON Semiconductor 74VCX08 Datasheet HTML 7Page - ON Semiconductor 74VCX08 Datasheet HTML 8Page - ON Semiconductor 74VCX08 Datasheet HTML 9Page - ON Semiconductor 74VCX08 Datasheet HTML 10Page - ON Semiconductor 74VCX08 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
©1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
AC Loading and Waveforms (V
CC 3.3V ± 0.3V to 1.8V ± 0.15V)
Figure 1. AC Test Circuit
Figure 2. Waveform for Inverting and Non-inverting Functions
Test
Switch
tPLH, tPHL
Open
Symbol
VCC
3.3V ± 0.3V
2.5V ± 0.2V
1.8V ± 0.15V
Vmi
1.5V
VCC / 2
VCC / 2
Vmo
1.5V
VCC / 2
VCC / 2
74VCX08 Rev. 1.9.1
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com