Electronic Components Datasheet Search
  English  ▼

X  

LTC2606CDD Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2606CDD
Description  16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2606CDD Datasheet(HTML) 1 Page - Linear Technology

  LTC2606CDD Datasheet HTML 1Page - Linear Technology LTC2606CDD Datasheet HTML 2Page - Linear Technology LTC2606CDD Datasheet HTML 3Page - Linear Technology LTC2606CDD Datasheet HTML 4Page - Linear Technology LTC2606CDD Datasheet HTML 5Page - Linear Technology LTC2606CDD Datasheet HTML 6Page - Linear Technology LTC2606CDD Datasheet HTML 7Page - Linear Technology LTC2606CDD Datasheet HTML 8Page - Linear Technology LTC2606CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC2606/LTC2616/LTC2626
26061626f
16-/14-/12-Bit Rail-to-Rail DACs
with I2C Interface
The LTC
®2606/LTC2616/LTC2626 are single 16-, 14-
and 12-bit, 2.7V-to-5.5V rail-to-rail voltage output DACs
in a 10-lead DFN package. They have built-in high perfor-
mance output buffers and are guaranteed monotonic.
These parts establish new board-density benchmarks for
16- and 14-bit DACs and advance performance standards
for output drive and load regulation in single-supply,
voltage-output DACs.
The parts use a 2-wire, I2C compatible serial interface. The
LTC2606/LTC2616/LTC2626 operate in both the standard
mode (clock rate of 100kHz) and the fast mode (clock rate
of 400kHz). An asynchronous DAC update pin (LDAC) is
also included.
The LTC2606/LTC2616/LTC2626 incorporate a power-on
reset circuit. During power-up, the voltage outputs rise less
than 10mV above zero scale; and after power-up, they stay
at zero scale until a valid write and update take place. The
power-on reset circuit resets the LTC2606-1/LTC2616-1/
LTC2626-1 to midscale. The voltage outputs stay at
midscale until a valid write and update take place.
■ Smallest Pin-Compatible Single DACs:
LTC2606: 16 Bits
LTC2616: 14 Bits
LTC2626: 12 Bits
■ Guaranteed 16-Bit Monotonic Over Temperature
■ 27 Selectable Addresses
■ 400kHz I2C
TM Interface
■ Wide 2.7V to 5.5V Supply Range
■ Low Power Operation: 270µA at 3V
■ Power Down to 1µA, Max
■ High Rail-to-Rail Output Drive (±15mA, Min)
■ Double-Buffered Data Latches
■ Asynchronous DAC Update Pin
■ LTC2606/LTC2616/LTC2626: Power-On Reset to
Zero Scale
■ LTC2606-1/LTC2616-1/LTC2626-1: Power-On Reset
to Midscale
■ Tiny (3mm × 3mm) 10-Lead DFN Package
■ Mobile Communications
■ Process Control and Industrial Automation
■
Instrumentation
■ Automatic Test Equipment
Differential Nonlinearity
(LTC2606)
APPLICATIO S
FEATURES
DESCRIPTIO
BLOCK DIAGRA
CODE
0
16384
32768
49152
65535
2606 G02
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCC = 5V
VREF = 4.096V
7
10
4
5
1
DAC
REGISTER
INPUT
REGISTER
I2C
INTERFACE
16-BIT DAC
VOUT
CONTROL
LOGIC
I2C
ADDRESS
DECODE
LDAC
SCL
SDA
CA0
CA1
CA2
2606 BD
8
GND
9
6
VCC
REF
3
2
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC2606CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2606 LINER-LTC2606 Datasheet
285Kb / 24P
Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
logo
Analog Devices
LTC2606 AD-LTC2606 Datasheet
651Kb / 20P
16-/14-/12-Bit Rail-to-Rail DACs I2C Interface
6/17-REV.C
logo
Linear Technology
LTC2606 LINER-LTC2606_15 Datasheet
283Kb / 20P
16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
More results

Similar Description - LTC2606CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2607 LINER-LTC2607 Datasheet
331Kb / 20P
16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
LTC2609 LINER-LTC2609 Datasheet
318Kb / 20P
Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2609 LINER-LTC2609_15 Datasheet
336Kb / 22P
Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2619 LINER-LTC2619_15 Datasheet
336Kb / 22P
Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2629 LINER-LTC2629_15 Datasheet
336Kb / 22P
Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2606 LINER-LTC2606_15 Datasheet
283Kb / 20P
16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2607 LINER-LTC2607_15 Datasheet
295Kb / 20P
16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
LTC2616 LINER-LTC2616_15 Datasheet
283Kb / 20P
16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2626 LINER-LTC2626_15 Datasheet
283Kb / 20P
16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
logo
Analog Devices
LTC2606 AD-LTC2606 Datasheet
651Kb / 20P
16-/14-/12-Bit Rail-to-Rail DACs I2C Interface
6/17-REV.C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com