Electronic Components Datasheet Search
  English  ▼

X  

LTC2606CDD Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2606CDD
Description  16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2606CDD Datasheet(HTML) 2 Page - Linear Technology

  LTC2606CDD Datasheet HTML 1Page - Linear Technology LTC2606CDD Datasheet HTML 2Page - Linear Technology LTC2606CDD Datasheet HTML 3Page - Linear Technology LTC2606CDD Datasheet HTML 4Page - Linear Technology LTC2606CDD Datasheet HTML 5Page - Linear Technology LTC2606CDD Datasheet HTML 6Page - Linear Technology LTC2606CDD Datasheet HTML 7Page - Linear Technology LTC2606CDD Datasheet HTML 8Page - Linear Technology LTC2606CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC2606/LTC2616/LTC2626
26061626f
A
G
A
U
A
R
BSOLUTEXI
TI
S
ORDER PART
NUMBER
PACKAGE/ORDER I FOR ATIO
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 11) IS GND
MUST BE SOLDERED TO PCB
Any Pin to GND ........................................... – 0.3V to 6V
Any Pin to VCC .............................................– 6V to 0.3V
Maximum Junction Temperature ......................... 125°C
Storage Temperature Range ................ – 65°C to 125°C
Lead Temperature (Soldering, 10 sec)................ 300°C
DD PART MARKING
LTC2606CDD
LTC2606IDD
LAJX
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
LDAC
VCC
GND
VOUT
REF
CA2
SDA
SCL
CA0
CA1
(Note 1)
Operating Temperature Range:
LTC2606C/LTC2616C/LTC2626C
LTC2606-1C/LTC2616-1C/LTC2626-1C ... 0°C to 70°C
LTC2606I/LTC2616I/LTC2626I
LTC2606-1I/LTC2616-1I/LTC2626-1I .. – 40°C to 85°C
ORDER PART
NUMBER
DD PART MARKING
LTC2616CDD
LTC2616IDD
ORDER PART
NUMBER
DD PART MARKING
LTC2626CDD
LTC2626IDD
ELECTRICAL C
C
HARA TERISTICS The ● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. REF = 4.096V (VCC = 5V), REF = 2.048V (VCC = 2.7V), VOUT unloaded,
unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DC Performance
Resolution
●
12
14
16
Bits
Monotonicity
(Note 2)
●
12
14
16
Bits
DNL
Differential Nonlinearity
(Note 2)
●
±0.5
±1
±1
LSB
INL
Integral Nonlinearity
(Note 2)
●
±1
±4
±4
±16
±14
±64
LSB
Load Regulation
VREF = VCC = 5V, Midscale
IOUT = 0mA to 15mA Sourcing
●
0.025 0.125
0.1
0.5
0.5
2
LSB/mA
IOUT = 0mA to 15mA Sinking
●
0.05 0.125
0.2
0.5
0.7
2
LSB/mA
VREF = VCC = 2.7V, Midscale
IOUT = 0mA to 7.5mA Sourcing
●
0.05
0.25
0.2
1
0.9
4
LSB/mA
IOUT = 0mA to 7.5mA Sinking
●
0.1
0.25
0.4
1
1.5
4
LSB/mA
ZSE
Zero-Scale Error
Code = 0
●
19
19
19
mV
VOS
Offset Error
(Note 5)
●
±1
±9
±1
±9
±1
±9mV
VOS Temperature
±5
±5
±5
µV/°C
Coefficient
GE
Gain Error
●
±0.1
±0.7
±0.1
±0.7
±0.1
±0.7
%FSR
Gain Temperature
±8.5
±8.5
±8.5
ppm/°C
Coefficient
LTC2626/LTC2626-1 LTC2616/LTC2616-1 LTC2606/LTC2606-1
LTC2606CDD-1
LTC2606IDD-1
LAJW
LBPQ
LBPR
LBPS
LBPT
LTC2616CDD-1
LTC2616IDD-1
LTC2626CDD-1
LTC2626IDD-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com