Electronic Components Datasheet Search
  English  ▼

X  

SSG4501-C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4501-C
Description  N & P-Ch Enhancement Mode Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4501-C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG4501-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4501-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4501-C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4501-C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG4501-C Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSG4501-C Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSG4501-C Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SSG4501-C Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH SSG4501-C Datasheet HTML 9Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SSG4501-C
N & P-Ch Enhancement Mode Power MOSFET
N-Ch: 7A, 30 V, RDS(ON) 28m
Ω
P-Ch: -5.3A, -30 V, RDS(ON) 50m
Ω
Elektronische Bauelemente
06-Dec-2018 Rev. B
Page 1 of 9
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
4501SS
= Lot Code
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SSG4501-C provide the designer with the best combination
of fast switching, ruggedized device design, low on-resistance and
cost-effectiveness. The SOP-8 package is universally preferred
for all commercial industrial surface mount application and suited
for low voltage applications such as DC/DC converters.
FEATURES
Simple Drive Requirement
Lower On-resistance
Fast Switching Performance
MARKING
PACKAGE INFORMATION
ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
N-Ch
P-Ch
Drain-Source Voltage
VDS
30
-30
V
Gate-Source Voltage
VGS
±20
±20
V
Continuous Drain Current 3
TA=25°C
ID
7
-5.3
A
TA=100°C
5.8
-4.7
A
Pulsed Drain Current 1
IDM
20
-20
A
Total Power Dissipation
TA=25°C
P D
2
W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Data
Thermal Resistance Junction-ambient 3
(Max.)
R
θJA
62.5
°C / W
Package
MPQ
Leader Size
SOP-8
2.5K
13 inch
Part Number
Type
SSG4501-C
Lead (Pb)-free and Halogen-free
SOP-8
A
H
B
M
D
C
J
K
F
L
E
N
G
G2
G1
S1
S2
D2
D2
D1
D1
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
5.79
6.20
H
0.33
0.51
B
4.70
5.11
J
0.375 REF.
C
3.80
4.00
K
45°REF.
D
0°
8°
L
1.3
1.752
E
0.40
1.27
M
0
0.25
F
0.10
0.25
N
0.25 REF.
G
1.27 TYP.


Similar Part No. - SSG4501-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4501 SECOS-SSG4501 Datasheet
841Kb / 9P
Enhancement Mode Power Mos.FET
logo
SHENZHEN DOINGTER SEMIC...
SSG4501 DOINGTER-SSG4501 Datasheet
2Mb / 8P
P-Chanel and N-Channel MOSFET use advanced trench technology
logo
SeCoS Halbleitertechnol...
SSG4501 SECOS-SSG4501_15 Datasheet
881Kb / 9P
Enhancement Mode Power Mos.FET
More results

Similar Description - SSG4501-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4520H SECOS-SSG4520H Datasheet
1Mb / 6P
N & P-Ch Enhancement Mode Power MOSFET
SSI2007 SECOS-SSI2007 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG2601 SECOS-SSG2601_15 Datasheet
733Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4502CE SECOS-SSG4502CE_15 Datasheet
3Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4510 SECOS-SSG4510_15 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG5509A SECOS-SSG5509A_15 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSI3439J SECOS-SSI3439J Datasheet
606Kb / 4P
N & P-Ch Enhancement Mode Power MOSFET
SPRD4504-C SECOS-SPRD4504-C Datasheet
429Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4503A-C SECOS-SSG4503A-C Datasheet
631Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSPRD6560-C SECOS-SSPRD6560-C Datasheet
593Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com