Electronic Components Datasheet Search
  English  ▼

X  

SSG4501-C Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4501-C
Description  N & P-Ch Enhancement Mode Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4501-C Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SSG4501-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4501-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4501-C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4501-C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG4501-C Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSG4501-C Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSG4501-C Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SSG4501-C Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH SSG4501-C Datasheet HTML 9Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SSG4501-C
N & P-Ch Enhancement Mode Power MOSFET
N-Ch: 7A, 30 V, RDS(ON) 28m
Ω
P-Ch: -5.3A, -30 V, RDS(ON) 50m
Ω
Elektronische Bauelemente
06-Dec-2018 Rev. B
Page 3 of 9
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
P-CHANNEL ELECTRICAL CHARACTERISTICS (T
J=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS=0, ID= -250uA
Breakdown Voltage Temp. Coefficient
△BVDS/△TJ
-
-0.028
-
V/°C
Reference to 25°C , I D= -1mA
Gate Threshold Voltage
VGS(th)
-1
-
-3
V
VDS=VGS, ID= -250uA
Forward Transfer conductance
gfs
-
8.5
-
S
VDS= -10V, ID= -5.3A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS=±20V
Drain-Source Leakage Current
TJ=25°C
IDSS
-
-
-1
uA
VDS= -30V, VGS=0
TJ=75°C
-
-
-25
V DS= -24V, VGS=0
Static Drain-Source On-Resistance 2
RDS(ON)
-
-
50
m
VGS= -10V, ID= -5.3A
-
-
90
VGS= -4.5V, ID= -4.2A
Total Gate Charge
Qg
-
20
-
nC
ID= -5.3A
VDS= -15V
VGS= -10V
Gate-Source Charge
Qgs
-
3.5
-
Gate-Drain (“Miller”) Change
Qgd
-
2
-
Turn-on Delay Time
Td(on)
-
12
-
nS
VDS= -15V
VGS= -10V
ID= -1A
RG=6
RD=15
Rise Time
Tr
-
20
-
Turn-off Delay Time
Td(off)
-
45
-
Fall Time
Tf
-
27
-
Input Capacitance
Ciss
-
790
-
pF
VGS=0
VDS= -15V
f=1.0MHz
Output Capacitance
Coss
-
440
-
Reverse Transfer Capacitance
Crss
-
120
-
Source-Drain Diode
Forward On Voltage 2
VSD
-
-
-1.2
V
IS= -2.6A, VGS=0V, TJ=25°C
Continuous Source Current (Body Diode)
IS
-
-
-1.67
A
VD=VG=0V,VS= -1.2V
Notes:
1.
Pulse width limited by Max. Junction temperature.
2.
Pulse width
300us , duty cycle
2%
3.
Surface mounted on 1 inch2 copper pad of FR4 board; 135 °C/W when mounted on min. copper pad.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com