Electronic Components Datasheet Search
  English  ▼

X  

QM2423K Datasheet(PDF) 4 Page - uPI Group Inc.

Part # QM2423K
Description  P-Ch 20V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

QM2423K Datasheet(HTML) 4 Page - uPI Group Inc.

  QM2423K Datasheet HTML 1Page - uPI Group Inc. QM2423K Datasheet HTML 2Page - uPI Group Inc. QM2423K Datasheet HTML 3Page - uPI Group Inc. QM2423K Datasheet HTML 4Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
QM2423K
P-Ch 20V Fast Switching MOSFETs
0.0001
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
P
DM
D = T
ON/T
T
Jpeak = TA + PDM x RθJ A
T
ON
T
0.02
0.01
0.05
0.1
0.2
DUTY=0.5
SINGLE PULSE
10
100
1000
10000
1
5
9
13
17
21
-VDS , Drain to Source Voltage (V)
F=1.0MHz
Ciss
Coss
Crss
Fig.8 Safe Operating Area
Fig.9 Normalized Maximum Transient Thermal Impedance
Fig.7 Capacitance
Fig.10 Switching Time Waveform
Fig.11 Gate Charge Waveform



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com