Electronic Components Datasheet Search
  English  ▼

X  

QM2423K Datasheet(PDF) 1 Page - uPI Group Inc.

Part # QM2423K
Description  P-Ch 20V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

QM2423K Datasheet(HTML) 1 Page - uPI Group Inc.

  QM2423K Datasheet HTML 1Page - uPI Group Inc. QM2423K Datasheet HTML 2Page - uPI Group Inc. QM2423K Datasheet HTML 3Page - uPI Group Inc. QM2423K Datasheet HTML 4Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
QM2423K
P-Ch 20V Fast Switching MOSFETs
Symbol
Parameter
Rating
Units
10s
Steady State
VDS
Drain-Source Voltage
-20
V
VGS
Gate-Sou
rce Voltage
±8
V
ID@TA=25℃
Continuous Drain Current, VGS @ -4.5V
1
-4.8
-4.2
A
ID@TA=70℃
Continuous Drain Current, VGS @ -4.5V
1
-3.9
-3.4
A
IDM
Pulsed Drain Current
2
-30
A
PD@TA=25℃
Total Power Dissipation
3
1.32
1
W
PD@TA=70℃
Total Power Dissipation
3
0.84
0.64
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-ambient
1
---
125
℃/W
RθJA
Thermal Resistance Junction-Ambient
1 (t ≤10s)
---
95
℃/W
RθJC
Thermal Resistance Junction-Case
1
---
80
℃/W
BVDSS
RDSON
ID
-20V
40mΩ
-4.2A
The QM2423K is the highest performance trench
P-ch MOSFETs with extreme high cell density ,
which provide excellent RDSON and gate charge
for most of the small power switching and load
switch applications.
The QM2423K meet the RoHS and Green Product
requirement with full function reliability approved.
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent Cdv/dt effect decline
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Small power switching for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
SOT23 Pin Configuration
Product Summary
G
S
D
Rev A.04 D062016


Similar Part No. - QM2423K

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
QM2423K VBSEMI-QM2423K Datasheet
1Mb / 9P
P-Channel 20-V (D-S) MOSFET
More results

Similar Description - QM2423K

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
US2421 XINDEYI-US2421 Datasheet
459Kb / 4P
P-Ch 20V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UD2401 UNITPOWER-UD2401 Datasheet
759Kb / 4P
P-Ch 20V Fast Switching MOSFETs
UM2429 UNITPOWER-UM2429 Datasheet
771Kb / 4P
P-Ch 20V Fast Switching MOSFETs
US2401 UNITPOWER-US2401 Datasheet
751Kb / 4P
P-Ch 20V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKN2643 PACELEADER-PKN2643 Datasheet
1Mb / 5P
P-Ch 20V Fast Switching MOSFETs
logo
uPI Group Inc.
QM2417Y1 UPI-QM2417Y1 Datasheet
225Kb / 4P
P-Ch 20V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKCE2631 FETEK-FKCE2631 Datasheet
839Kb / 5P
P-Ch 20V Fast Switching MOSFETs
Ver : A
FKN2607 FETEK-FKN2607 Datasheet
501Kb / 4P
P-Ch 20V Fast Switching MOSFETs
Ver : A
FKS2627 FETEK-FKS2627 Datasheet
536Kb / 4P
P-Ch 20V Fast Switching MOSFETs
Ver : A
FKVA2301 FETEK-FKVA2301 Datasheet
594Kb / 4P
P-Ch 20V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com