Electronic Components Datasheet Search
  English  ▼

X  

ALD1702ADA Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD1702ADA
Description  5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1702ADA Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD1702ADA Datasheet HTML 1Page - Advanced Linear Devices ALD1702ADA Datasheet HTML 2Page - Advanced Linear Devices ALD1702ADA Datasheet HTML 3Page - Advanced Linear Devices ALD1702ADA Datasheet HTML 4Page - Advanced Linear Devices ALD1702ADA Datasheet HTML 5Page - Advanced Linear Devices ALD1702ADA Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ALD1702A/ALD1702B
Advanced Linear Devices
4
ALD1702/ALD1703
Design & Operating Notes:
1. The ALD1702/ALD1703 CMOS operational amplifier uses a 3
gain stage architecture and an improved frequency compensation
scheme to achieve large voltage gain, high output driving capability,
and better frequency stability. In a conventional CMOS operational
amplifier design, compensation is achieved with a pole splitting
capacitor together with a nulling resistor. This method is, however,
very bias dependent and thus cannot accommodate the large
range of supply voltage operation as is required from a stand
alone CMOS operational amplifier. The ALD1702 is internally
compensated for unity gain stability using a novel scheme that
does not use a nulling resistor. This scheme produces a clean
single pole roll off in the gain characteristics while providing for
more than 70 degrees of phase margin at the unity gain frequency.
A unity gain buffer using the ALD1702 will typically drive 400pF of
external load capacitance without stability problems. In the inverting
unity gain configuration, it can drive up to 800pF of load capacitance.
Compared to other CMOS operational amplifiers, the ALD1702
has shown itself to be more resistant to parasitic oscillations.
2. The ALD1702/ALD1703 has complementary p-channel and n-channel
input differential stages connected in parallel to accomplish rail to rail
input common mode voltage range. This means that with the ranges
of common mode input voltage close to the power supplies, one of the
two differential stages is switched off internally. To maintain compa-
tibility with other operational amplifiers, this switching point has been
selected to be about 1.5V above the negative supply voltage. Since
offset voltage trimming on the ALD1702/ALD1703 is made when the
input voltage is symmetrical to the supply voltages, this internal
switching does not affect a large variety of applications such as an
inverting amplifier or non-inverting amplifier with a gain larger than 2.5
(5V operation), where the common mode voltage does not make
excursions below this switching point. The user should however, be
aware that this switching does take place if the operational amplifier
is connected as a unity gain buffer and should make provision in his
design to allow for input offset voltage variations.
3. The input bias and offset currents are essentially input protection
diode reverse bias leakage currents, and are typically less than 1pA
at room temperature. This low input bias current assures that the
analog signal from the source will not be distorted by input bias
currents. Normally, this extremely high input impedance of greater
than 1012
Ω would not be a problem as the source impedance would
limit the node impedance. However, for applications where source
impedance is very high, it may be necessary to limit noise and hum
pickup through proper shielding.
4. The output stage consists of class AB complementary output drivers,
capable of driving a low resistance load. The output voltage swing is
limited by the drain to source on-resistance of the output transistors
as determined by the bias circuitry, and the value of the load resistor.
When connected in the voltage follower configuration, the oscillation
resistant feature, combined with the rail to rail input and output
feature, makes an effective analog signal buffer for medium to high
source impedance sensors, transducers, and other circuit networks.
5. The ALD1702/ALD1703 operational amplifier has been designed to
provide full static discharge protection. Internally, the design has
been carefully implemented to minimize latch up. However, care must
be exercised when handling the device to avoid strong static fields
that may degrade a diode junction, causing increased input leakage
currents. In using the operational amplifier, the user is advised to
power up the circuit before, or simultaneously with, any input voltages
applied and to limit input voltages to not exceed 0.3V of the power
supply voltage levels.
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT BIAS CURRENT AS A FUNCTION
OF AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
1000
100
10
0.1
1.0
100
-25
0
75
125
50
25
-50
VS = ± 2.5V
10000
OPEN LOOP VOLTAGE GAIN AS A FUNCTION
OF SUPPLY VOLTAGE AND TEMPERATURE
SUPPLY VOLTAGE (V)
1000
100
10
1
0
±2
±4
±6
RL= 10KΩ
RL= 5KΩ
} -55
°C
} +25
°C
} +125
°C
±8
SUPPLY CURRENT AS A FUNCTION
OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
±5
±4
±2
±3
0
±1
0
±1
±2
±3
±4
±5
±6
-25
°C
+25
°C
+80
°C
+125
°C
INPUTS GROUNDED
OUTPUT UNLOADED
TA = -55ºC
COMMON MODE INPUT VOLTAGE RANGE
AS A FUNCTION OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
±7
±6
±5
±4
±3
±2
±1
0
0
±1
±2
±3
±4
±5
±6
±7
TA = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com