Electronic Components Datasheet Search
  English  ▼

X  

ALD1702ADA Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD1702ADA
Description  5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1702ADA Datasheet(HTML) 6 Page - Advanced Linear Devices

  ALD1702ADA Datasheet HTML 1Page - Advanced Linear Devices ALD1702ADA Datasheet HTML 2Page - Advanced Linear Devices ALD1702ADA Datasheet HTML 3Page - Advanced Linear Devices ALD1702ADA Datasheet HTML 4Page - Advanced Linear Devices ALD1702ADA Datasheet HTML 5Page - Advanced Linear Devices ALD1702ADA Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ALD1702A/ALD1702B
Advanced Linear Devices
6
ALD1702/ALD1703
TYPICAL APPLICATIONS
RAIL-TO-RAIL WAVEFORM
RAIL TO RAIL VOLTAGE FOLLOWER/BUFFER
-
+
OUTPUT
VIN
5V
CL
RL =10KΩ
0.1
µF
~
ZIN = 1012Ω
400pF
* See rail to rail waveform
0
≤ VIN ≤ 5V
Performance waveforms.
Upper trace is the output of a
Wien Bridge Oscillator. Lower
trace is the output of Rail-to-rail
voltage follower.
0V
+5V
OUTPUT
0V
+5V
INPUT
WIEN BRIDGE OSCILLATOR (RAIL-TO -RAIL)
SINE WAVE GENERATOR
RAIL-TO-RAIL VOLTAGE COMPARATOR
-
+
OUTPUT
50K
0.1
µF
+5V
10M
VIN
+5V
10K
-
+
OUTPUT
10K
10K
+2.5V
-2.5V
.01
µF
1
2
πRC
f =
~ 1.6KHz
C = .01
µF
R = 10K
* See rail to rail waveform
~
LOW OFFSET SUMMING AMPLIFIER
PHOTO DETECTOR CURRENT
TO VOLTAGE CONVERTER
OUTPUT
INPUT 1
INPUT 2
-
+
+2.5V
.01
µF
.01
µF
- 2.5V
GAIN = 5
CL = 4000pF
* Circuit Drives Large Load
Capacitance
≤ 4000pF
10K
10K
50K
+
-
+2.5V
-2.5V
RF = 5M
RL = 10K
VOUT = I x RF
I
PHOTODIODE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com