Electronic Components Datasheet Search
  English  ▼

X  

LC104S1 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # LC104S1
Description  PRELIMINARY SPECIFICATION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LC104S1 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button LC104S1 Datasheet HTML 17Page - List of Unclassifed Manufacturers LC104S1 Datasheet HTML 18Page - List of Unclassifed Manufacturers LC104S1 Datasheet HTML 19Page - List of Unclassifed Manufacturers LC104S1 Datasheet HTML 20Page - List of Unclassifed Manufacturers LC104S1 Datasheet HTML 21Page - List of Unclassifed Manufacturers LC104S1 Datasheet HTML 22Page - List of Unclassifed Manufacturers LC104S1 Datasheet HTML 23Page - List of Unclassifed Manufacturers LC104S1 Datasheet HTML 24Page - List of Unclassifed Manufacturers LC104S1 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Page 21 / 28
SPECIFICATION
Liquid Crystal Display LC104S1-A1
<DETAIL DESCRIPTION OF SIDE MOUNTING SCREW>
Notes:
Screw plated through the method of non-electrolytic nickel plating is preferred
to reduce possibility that results in vertical and/or horizontal line defect due to
the conductive particles from screw surface.
Alpha Point Ltd.
Vernissakatu 8A
01300 Vantaa, Finland
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2
http://www.alpha.fi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com