Electronic Components Datasheet Search
  English  ▼

X  

LC104S1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # LC104S1
Description  PRELIMINARY SPECIFICATION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LC104S1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button LC104S1 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC104S1 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC104S1 Datasheet HTML 5Page - List of Unclassifed Manufacturers LC104S1 Datasheet HTML 6Page - List of Unclassifed Manufacturers LC104S1 Datasheet HTML 7Page - List of Unclassifed Manufacturers LC104S1 Datasheet HTML 8Page - List of Unclassifed Manufacturers LC104S1 Datasheet HTML 9Page - List of Unclassifed Manufacturers LC104S1 Datasheet HTML 10Page - List of Unclassifed Manufacturers LC104S1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Page 7 / 28
SPECIFICATION
Liquid Crystal Display LC104S1-A1
5. The output of the inverter must have symmetrical (negative and positive) voltage waveform and
symmetrical current waveform.(Unsymmetrical ratio is less than 10%) Please do not use the inverter
which has unsymmetrical voltage and unsymmetrical current and spike wave.
Lamp frequency may produce interface with horizontal synchronous frequency and as a result this may
cause beat on the display. Therefore lamp frequency shall be as away possible from the
horizontal synchronous frequency and from its harmonics in order to prevent interference.
6. Let’s define the brightness of the lamp after being lighted for 5 minutes as 100%.
T
S is the time required for the brightness of the center of the lamp to be not less than 95%.
7. The lamp power consumption shown above does not include loss of external inverter.
The used lamp current is the lamp typical current.
8. The life is determined as the time at which brightness of the lamp is 50% compared to that of initial
value at the typical lamp current on condition of continuous operating at 25
± 2°C.
9. Do not attach a conducting tape to lamp connecting wire.
If the lamp wire attach to a conducting tape, TFT-LCD Module has a low luminance and the inverter
has abnormal action. Because leakage current is occurred between lamp wire and conducting tape.
Alpha Point Ltd.
Vernissakatu 8A
01300 Vantaa, Finland
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2
http://www.alpha.fi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com