Electronic Components Datasheet Search
  English  ▼

X  

SSG6618-C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG6618-C
Description  N-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG6618-C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG6618-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG6618-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG6618-C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG6618-C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SSG6618-C
7.3A, 30V, RDS(ON) 18m
N-Channel Enhancement Mode Power MOSFET
Elektronische Bauelemente
16-Jan-2018 Rev. B
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
6618SC
= Date Code
A
H
B
M
D
C
J
K
F
L
E
N
G
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SSG6618-C is the highest performance trench
N-Ch MOSFETs with extreme high cell density, which
provide excellent RDS(ON) and gate charge for most of the
synchronous buck converter applications.
The SSG6618-C meet the RoHS and Green Product
requirement with full function reliability approved.
FEATURES
Advanced High Cell Density Trench Technology
Super Low Gate Charge
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOP-8
2.5K
13 inch
ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
1, @V
GS=10V
TA = 25°C
ID
7.3
A
TA = 70°C
5.8
Pulsed Drain Current
3
IDM
37
A
Total Power Dissipation
TA = 25°C
PD
1.5
W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Data
Thermal Resistance Junction-Ambient
1
RθJA
85
°C/W
Thermal Resistance Junction-Ambient
2
125
Thermal Resistance Junction-Case
1
RθJC
25
Part Number
Type
SSG6618-C
Lead (Pb)-free and Halogen-free
SOP-8
G
S
S
S
D
D
D
D
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
5.79
6.20
H
0.33
0.51
B
4.70
5.11
J
0.375 REF.
C
3.80
4.00
K
45°REF.
D
0°
8°
L
1.3
1.752
E
0.40
1.27
M
0
0.25
F
0.10
0.25
N
0.25 REF.
G
1.27 TYP.


Similar Part No. - SSG6618-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG6618 SECOS-SSG6618 Datasheet
384Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SSG6618 SECOS-SSG6618_15 Datasheet
476Kb / 4P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - SSG6618-C

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com