Electronic Components Datasheet Search
  English  ▼

X  

GL911TX Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GL911TX
Description  Wireless Mouse Transmitter Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL911TX Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GL911TX Datasheet HTML 1Page - List of Unclassifed Manufacturers GL911TX Datasheet HTML 2Page - List of Unclassifed Manufacturers GL911TX Datasheet HTML 3Page - List of Unclassifed Manufacturers GL911TX Datasheet HTML 4Page - List of Unclassifed Manufacturers GL911TX Datasheet HTML 5Page - List of Unclassifed Manufacturers GL911TX Datasheet HTML 6Page - List of Unclassifed Manufacturers GL911TX Datasheet HTML 7Page - List of Unclassifed Manufacturers GL911TX Datasheet HTML 8Page - List of Unclassifed Manufacturers GL911TX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
©2000-2001 Genesys Logic Inc.—All rights reserved
-1
GL911Tx 1.1
Package Type: PDIP 18/ SOP18
2
3
4
5
12
11
10
9
8
7
6
18
17
16
15
13
14
1
BUTM
BUTR/K5
XLOBAT
XRST
GND
Y1/W1
Y2/W2
X1/Z1
X2/Z2
BUTL/K4
OSCI
OSCO
VCC
TXDATA
TXEN
XYEN
WZEN
GND
GL911Tx
Wireless Mouse Transmitter Controller
Features
lFully CMOS Static Design
l8 Bits RISC-like Micro Controller
l1K *13 bits ROM / 48 Bytes RAM
l2Mhz external clock
lSupport analog or digital photo sensor
lBuilt in Genesys Logic’s proprietary wireless
link protocol
lLow-cost & Low Power solution
lPackage : 18Pin PDIP / SOP 18
Functions
l
Support
up
to
4Dimention/5Buttons
scrolling type mouse
l
High Tracking speed (12inch/sec) for
400dpi
l
RF transmission rate: 4800 BPS
l
Ultra High Packet Rate (Maximum 100
packet /sec)
Genesyslogic’s proprietary
wireless protocol
l
Provide 8 bits Random ID to avoid
co-channel interference
l
Provide 2bits packet ID
l
Provide 2bits user product ID
l
Provide 4 bits CRC (Cyclic Redundancy
Check) for packet protection
Power Management
l
3 step power saving stage: Full speed /
Standby / Sleep
l
Scroll & button sleep wake up (Response time
< 30ms)
l
Overall system current
Sleep
< 400uA
(Include photo sensing)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com