Electronic Components Datasheet Search
  English  ▼

X  

GL911TX Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GL911TX
Description  Wireless Mouse Transmitter Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL911TX Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GL911TX Datasheet HTML 2Page - List of Unclassifed Manufacturers GL911TX Datasheet HTML 3Page - List of Unclassifed Manufacturers GL911TX Datasheet HTML 4Page - List of Unclassifed Manufacturers GL911TX Datasheet HTML 5Page - List of Unclassifed Manufacturers GL911TX Datasheet HTML 6Page - List of Unclassifed Manufacturers GL911TX Datasheet HTML 7Page - List of Unclassifed Manufacturers GL911TX Datasheet HTML 8Page - List of Unclassifed Manufacturers GL911TX Datasheet HTML 9Page - List of Unclassifed Manufacturers GL911TX Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
©2000-2001 Genesys Logic Inc.—All rights reserved
-7
GL911Tx 1.1
4. Pin Information
4.1 GL911Tx-A Pin Definition
Table 4-1: Pin Definition of GL911TX-A 18 Pins SOC package
No.
Pin Name
I/O
Function description
Note
Power Supply
14
VDD
I
Power supply Pin. 2.2v < VDD < 5.5v
Recommend: 3.0V
5
GND
I
Ground Pin
3
GND1
I
NC
Connect to Ground Pin
2
Xlobat
I
Connect to GND or VCC
Reserved for future use
4
Xsetup/XR
st
I
System reset pin. 0 = Reset (Setup new ID),
1 = Normal operation
This pin is also function as Setup for new ID
pin
External pull up resistor required.
16
OSCI
I
Oscillator input pin
2M resonator
15
OSCO
O
Oscillator output pin
2M resonator
Roller Sensor Input
8
X1/Z1
I
X/Z axis photo sensor input 1
Threshold voltage around 0.8V
9
X2/Z2
I
X/Z axis photo sensor input 2
Threshold voltage around 0.8V
6
Y1/W1
I
Y/W axis photo sensor input 1
Threshold voltage around 0.8V
7
Y2/W2
I
Y/W axis photo sensor input 2
Threshold voltage around 0.8V
10
WZEN
O
W/Z axis IR LED Control : Active High
11
XYEN
O
X/Y axis IR LED Control : Active High
Button Input
17
ButnL/K4
I
Left Key Button 1 = Pressed, 0= Released
Need pull down resistor 30K Ohm.
18
ButnR/K5
I
Right Key Button 1 = Pressed, 0= Released
Need pull down resistor 30K Ohm.
1
ButnM
I
Middle Key Button 1 = Pressed, 0= Released Need pull down resistor 30K Ohm.
Control Output
13
TXDATA
O
RF data serial out
12
TXEN
O
RF enable. 0 = disable, 1 = Enable
When TXEN = 1 the RF transmitter is
enabled. The transmitter signal must be
stable within 1ms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com