Electronic Components Datasheet Search
  English  ▼

X  

MAX4721 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4721
Description  4.5 Dual SPST Analog Switches in UCSP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4721 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4721 Datasheet HTML 1Page - Maxim Integrated Products MAX4721 Datasheet HTML 2Page - Maxim Integrated Products MAX4721 Datasheet HTML 3Page - Maxim Integrated Products MAX4721 Datasheet HTML 4Page - Maxim Integrated Products MAX4721 Datasheet HTML 5Page - Maxim Integrated Products MAX4721 Datasheet HTML 6Page - Maxim Integrated Products MAX4721 Datasheet HTML 7Page - Maxim Integrated Products MAX4721 Datasheet HTML 8Page - Maxim Integrated Products MAX4721 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
4.5
Ω Dual SPST Analog Switches in UCSP
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single +3V Supply (continued)
(V+ = +2.7V to +3.6V, VIH = +1.4V, VIL = +0.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at V+ = +3.0V,
TA = +25°C, unless otherwise noted.) (Notes 3, 4)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
DYNAMIC CHARACTERISTICS
+25°C20
40
Turn-Off Time
tOFF
VNO_, VNC_ = 1.5V;
RL = 300
Ω, CL = 35pF, Figure 1
TMIN to
TMAX
50
ns
+25°C8
Break-Before-Make Time Delay
(MAX4723 Only) (Note 8)
tBBM
VNO_, VNC_ = 1.5V;
RL = 300
Ω, CL = 35pF, Figure 2
TMIN to
TMAX
1
ns
Skew (Note 8)
tSKEW
RS = 39
Ω, CL = 50pF, Figure 3
TMIN to
TMAX
0.15
0.2
ns
Charge Injection
Q
VGEN = 2V, RGEN = 0
Ω,
CL = 1.0nF, Figure 4
+25°C5
pC
f = 10MHz; VNO_, VNC_ = 1VP-P;
RL = 50
Ω, CL = 5pF, Figure 5a
-55
Off-Isolation (Note 9)
VISO
f = 1MHz; VNO_, VNC_ = 1VP-P;
RL = 50
Ω, CL = 5pF, Figure 5a
+25°C
-80
dB
f = 10MHz; VNO_, VNC_ = 1VP-P;
RL = 50
Ω, CL = 5pF, Figure 5b
-80
Crosstalk (Note 10)
VCT
f = 1MHz; VNO_, VNC_ = 1VP-P;
RL = 50
Ω, CL = 5pF, Figure 5b
+25°C
-110
dB
On-Channel -3dB Bandwidth
BW
Signal = 0dBm, CL = 5pF,
RL = 50
Ω, Figure 5a
+25°C
>300
MHz
Total Harmonic Distortion
THD
RL = 600
Ω
+25°C
0.03
%
NO_, NC_ Off-Capacitance
CNO_(OFF)
CNC_(OFF)
f = 1MHz, Figure 6
+25°C9
pF
Switch On-Capacitance
C(ON)
f = 1MHz, Figure 6
+25°C15
pF
DIGITAL I/O
Input Logic High Voltage
VIH
TMIN to
TMAX
1.4
V
Input Logic Low Voltage
VIL
TMIN to
TMAX
0.5
V
Input Leakage Current
IIN
V+ = +3.6V, VIN_ = 0 or 5.5V
TMIN to
TMAX
-0.1
+0.1
µA
SUPPLY
Supply Voltage Range
V+
TMIN to
TMAX
1.8
5.5
V
Positive Supply Current
I+
V+ = 5.5V, VIN_ = 0V or V+
TMIN to
TMAX
1µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com