Electronic Components Datasheet Search
  English  ▼

X  

MAX4721 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4721
Description  4.5 Dual SPST Analog Switches in UCSP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4721 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4721 Datasheet HTML 1Page - Maxim Integrated Products MAX4721 Datasheet HTML 2Page - Maxim Integrated Products MAX4721 Datasheet HTML 3Page - Maxim Integrated Products MAX4721 Datasheet HTML 4Page - Maxim Integrated Products MAX4721 Datasheet HTML 5Page - Maxim Integrated Products MAX4721 Datasheet HTML 6Page - Maxim Integrated Products MAX4721 Datasheet HTML 7Page - Maxim Integrated Products MAX4721 Datasheet HTML 8Page - Maxim Integrated Products MAX4721 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4.5
Ω Dual SPST Analog Switches in UCSP
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +4.2V to +5.5V, VIH = +2.0V, VIL = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at V+ = +5.0V,
TA = +25°C, unless otherwise noted.) (Notes 3, 4)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
Analog Signal Range
VCOM_,
VNO_, VNC_
TMIN to
TMAX
0V+
V
ANALOG SWITCH
+25°C
1.7
3.0
On-Resistance (Note 5)
RON
V+ = 4.2V, ICOM_ = 10mA;
VNO_ or VNC_ = 3.5V
TMIN to
TMAX
3.5
Ω
+25°C
0.1
0.3
On-Resistance Match Between
Channels (Notes 5, 6)
∆RON
V+ = 4.2V, ICOM_ = 10mA;
VNO_ or VNC_ = 3.5V
TMIN to
TMAX
0.4
Ω
+25°C
0.4
1.2
On-Resistance Flatness (Note 7)
RFLAT(ON)
V+ = 4.2V, ICOM_ = 10mA;
VNO_ or VNC_ = 1.0V, 2.0V, 3.5V
TMIN to
TMAX
1.5
Ω
+25°C
-0.5
+0.01
+0.5
NO_, NC_ Off-Leakage Current
(Note 8)
INO_(OFF),
INC_(OFF)
V+ = 5.5V, VCOM_ = 1.0V, 4.5V;
VNO_ or VNC_ = 4.5V, 1.0V
TMIN to
TMAX
-1.5
+1.5
nA
+25°C
-0.5
+0.01
+0.5
COM _ Off-Leakage Current
(Note 8)
ICOM_(OFF)
V+ = 5.5V, VCOM_ = 1V, 4.5V;
VNO_ or VNC_ = 4.5V, 1V
TMIN to
TMAX
-1.5
+1.5
nA
+25°C
-1
+0.01
+1
COM_ On-Leakage Current
(Note 8)
ICOM_(ON)
V+ = 5.5V, VCOM_ = 1.0V, 4.5V;
VNO_ or VNC_ = 1.0V, 4.5V, or
floating
TMIN to
TMAX
-2
+2
nA
DYNAMIC CHARACTERISTICS
+25°C30
80
Turn-On Time
tON
VNO_, VNC_ = 3.0V;
RL = 300
Ω, CL = 35pF, Figure 1
TMIN to
TMAX
90
ns
+25°C20
40
Turn-Off Time
tOFF
VNO_, VNC_ = 3.0V;
RL = 300
Ω, CL = 35pF, Figure 1
TMIN to
TMAX
50
ns
+25°C8
Break-Before-Make Time Delay
(MAX4723 Only) (Note 8)
tBBM
VNO_, VNC_ = 3.0V;
RL = 300
Ω, CL = 35pF, Figure 2
TMIN to
TMAX
1
ns
Skew (Note 8)
tSKEW
RS = 39
Ω, CL = 50pF, Figure 3
TMIN to
TMAX
1.5
2
ns
DIGITAL I/O
Input Logic High Voltage
VIH
TMIN to
TMAX
2.0
V
Input Logic Low Voltage
VIL
TMIN to
TMAX
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com