Electronic Components Datasheet Search
  English  ▼

X  

AXIOM75SL Datasheet(PDF) 3 Page - Advanced XTAL Products

Part # AXIOM75SL
Description  Low Phase Noise 10 MHz OCXO with Sine wave output for Space Application (COTS)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM75SL Datasheet(HTML) 3 Page - Advanced XTAL Products

  AXIOM75SL Datasheet HTML 1Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 2Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 3Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 4Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 5Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 6Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 7Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 8Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 9Page - Advanced XTAL Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM75SL Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 3(13)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
1. Electrical specification
Parameter
Min.
Typ.
Max.
Unit
Condition
Nominal frequency
10.000
MHz
Frequency stability
Initial tolerance @ +25°C
±200
ppb
VC @ VREF/2
vs. operating temperature range
±25
ppb
vs. supply voltage variation
±5
ppb
VS ±5%
vs. load change
±5
ppb
RL ±10%
Long term (aging) per day
±0.1
±1
ppb
after 30 days operation
Long term (aging) 1st year
±20
±50
ppb
after 30 days operation
Frequency adjustment range
Electronic Frequency Control (EFC)
±0.5
±0.8
ppm
EFC voltage VC
0
VREF/2
VREF
V
EFC slope (∆f / ∆VC)
Positive
EFC input impedance
100
kΩ
RF output
Signal waveform
Sine wave
Load RL
50
Ω
±10%
Output level
+7
dBm
Harmonics
-30
dBc
Spurious
-90
dBc
Warm-up time @ +25°C
3
min
∆f/f0 < ±100 ppb
Phase noise
-105
-135
-100
-130
-150
-155
-155
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
@ 1 Hz
@ 10 Hz
@ 100 Hz
@ 1 kHz
@ ≥10 kHz
Short term stability (Allan deviation)
2·10-12
τ = 1~10 s
Reference voltage VREF output
5.0
V
Load ≥ 10 kΩ
Supply voltage VS
11.4
12.0
12.6
V
Current consumption (steady state)
150
mA
@ +25°C
Current consumption (warm-up)
350
mA
Operating temperature range
-20
+70
°C
Table 1 – Electrical Performance and Characteristics
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310 unless otherwise stated
2.
Classification (MIL-PRF-55310): Type 4 (OCXO), Class 1 (Discrete Technology), Product Level “S”
Absolute Maximum Ratings
Parameter
Min.
Max.
Unit
Condition / Remark
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Control Voltage VC
-0.5
15
V
VS to GND
Load RL
0
∞
Ω
Must not cause any damage
Operable temperature range
-40
+80
°C
Operation of unit without any damage
Storage temperature range
-55
+125
°C
-
Table 2 – Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com