Electronic Components Datasheet Search
  English  ▼

X  

AXIOM75SL Datasheet(PDF) 4 Page - Advanced XTAL Products

Part # AXIOM75SL
Description  Low Phase Noise 10 MHz OCXO with Sine wave output for Space Application (COTS)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM75SL Datasheet(HTML) 4 Page - Advanced XTAL Products

  AXIOM75SL Datasheet HTML 1Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 2Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 3Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 4Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 5Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 6Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 7Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 8Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 9Page - Advanced XTAL Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM75SL Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 4(13)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
2. Mechanical specification
Parameter
Min.
Typ.
Max.
Unit
Condition
Enclosure (see drawing) (LxWxH)
25.8x25.8x12.7 max.
mm
IEC 60679-3 CO 43
Weight
20
g
Case material
Stainless steel
-
Case finish
Cover: Stainless steel blank
Header: Ni 8 µm
-
Pins
Glass / Kovar
SnPb solder dipped
-
Table 3 – Mechanical specification
Enclosure drawing
Pin connections
Pin #
Symbol
Function
1
RF OUT
RF Output
2
GND
Ground
3
VC
Control Voltage (EFC)
4
VREF
Reference Voltage
5
VS
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com