Electronic Components Datasheet Search
  English  ▼

X  

AXIOM238 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIOM238
Description  Ultra-Low Phase Noise OCXO in Vibration-isolated Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM238 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIOM238 Datasheet HTML 1Page - Advanced XTAL Products AXIOM238 Datasheet HTML 2Page - Advanced XTAL Products AXIOM238 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM238 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIOM238
Rev.: 1
Date: 2018-10-26
Oscillator type:
Ultra-Low Phase Noise OCXO in Vibration-isolated Package
Parameter
min.
typ.
max. Unit
Condition
Frequency range
80
120
MHz
Standard frequencies
100.000
MHz
Frequency stability
Initial tolerance @+25°C
±500
ppb
@ VC = 4V
vs. operating temperature range
±100
ppb
steady state (Note 2)
vs. supply voltage variation (pushing)
±20
ppb
VS ±5%
vs. load change (pulling)
±20
ppb
RL ±5%
Long term (aging) per day
±2
ppb
after 30 days operation
Long term (aging) per year
±200
ppb
after 30 days operation
Frequency adjustment range
Electronic Frequency Control (EFC)
±1
±2
ppm
EFC voltage VC
0
4
8
V
EFC slope (f / VC)
Positive
EFC input impedance
100
kΩ
RF output
Signal waveform
Sine wave
Load RL
50
Ω
±5%
Output level
+7
+10
+13
dBm
Harmonics
-30
dBc
Spurious at rest
-80
dBc
Phase noise at rest @ 100 MHz
-100
-135
-162
-168
-175
-95
-130
-160
-165
-170
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
@ 10 Hz
@ 100 Hz
@ 1 kHz
@ 10 kHz
@ ≥100 kHz
Phase noise @ 100 MHz
under random vibration
with 0.01 g²/Hz, 10 ~ 2000 Hz
(Note 3)
-70
-90
-150
-168
-175
-65
-85
-145
-160
-165
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
@ 10 Hz
@ 100 Hz
@ 1 kHz
@ 10 kHz
@ ≥100 kHz
Warm-up time @ +25°C
5
Min
ffinal/f0 < ±0.1 ppm
Supply voltage VS
11.4
12.0
12.6
V
(Note 4)
Current consumption (steady state)
100
mA
@ +25°C
Current consumption (warm-up)
300
mA
Operating temperature range
-40
+70
°C
(Note 2)
Enclosure (see drawing) (LxWxH)
38x38x20
mm
Enclosure drawing number
AXZ10.01127.01
Weight
100
g
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Other stability and temperature range on request
3.
For other vibration profiles please consult factory
4.
Other supply voltage on request


Similar Part No. - AXIOM238

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM20 AXTAL-AXIOM20 Datasheet
58Kb / 2P
OCXO in DIL14 package, HCMOS Output
2005-07-15
AXIOM20-17 AXTAL-AXIOM20-17 Datasheet
60Kb / 2P
OCXO for Cospas-Sarsat Beacons
2007-10-17
AXIOM20-23 AXTAL-AXIOM20-23 Datasheet
93Kb / 2P
OCXO in DIL14 Package with HCMOS Output
AXIOM20-25 AXTAL-AXIOM20-25 Datasheet
94Kb / 2P
OCXO in DIL14 Package with HCMOS Output
AXIOM20-26 AXTAL-AXIOM20-26 Datasheet
94Kb / 2P
OCXO in DIL14 Package with HCMOS Output
More results

Similar Description - AXIOM238

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
OXK581 BOWEI-OXK581 Datasheet
470Kb / 4P
Low phase noise,Anti-vibration OCXO
OXK40 BOWEI-OXK40 Datasheet
123Kb / 1P
Low phase noise,Anti-vibration OCXO
logo
Advanced XTAL Products
AXIOM145ULN AXTAL-AXIOM145ULN Datasheet
109Kb / 4P
Ultra-Low Noise OCXO in SMD package
2016-01-11
AXIOM260 AXTAL-AXIOM260 Datasheet
181Kb / 4P
Low Phase Noise OCXO in Vibration-isolated Package
AXIOM1000 AXTAL-AXIOM1000 Datasheet
117Kb / 4P
UHF Ultra-Low Phase Noise OCXO in Connectorized Package
AXIOM5050 AXTAL-AXIOM5050 Datasheet
115Kb / 4P
VHF Ultra-Low Phase Noise OCXO in Connectorized Package
2014-07-09
AXIOM45ULN AXTAL-AXIOM45ULN Datasheet
120Kb / 4P
Ultra-Low Noise OCXO in Eurocase package
AXIOM145ULN AXTAL-AXIOM145ULN_17 Datasheet
113Kb / 4P
Ultra-Low Noise OCXO in SMD package
AXIOM275 AXTAL-AXIOM275 Datasheet
248Kb / 3P
Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIOM450 AXTAL-AXIOM450 Datasheet
119Kb / 3P
VHF Ultra-Low Phase Noise OCXO in Eurocase Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com