Electronic Components Datasheet Search
  English  ▼

X  

AXIOM238 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXIOM238
Description  Ultra-Low Phase Noise OCXO in Vibration-isolated Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM238 Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXIOM238 Datasheet HTML 1Page - Advanced XTAL Products AXIOM238 Datasheet HTML 2Page - Advanced XTAL Products AXIOM238 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM238 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 2(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Control Voltage VC
-0.5
10
V
VC to GND
Storage Temperature
-55
+85
°C
Ordering Code
Model
Revision
Frequency [MHz]
AXIOM238
Rev.1
100.000
Example: AXIOM238_Rev.1 – 100.000 MHz
Enclosure drawing
Pin connections:
Pin #
Symbol
Function
1
VC
Control Voltage (EFC)
2
VS
Supply Voltage
3
GND
Ground
SMA
RF OUT RF Output


Similar Part No. - AXIOM238

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM20 AXTAL-AXIOM20 Datasheet
58Kb / 2P
   OCXO in DIL14 package, HCMOS Output
AXIOM20-17 AXTAL-AXIOM20-17 Datasheet
60Kb / 2P
   OCXO for Cospas-Sarsat Beacons
AXIOM20-23 AXTAL-AXIOM20-23 Datasheet
93Kb / 2P
   OCXO in DIL14 Package with HCMOS Output
AXIOM20-25 AXTAL-AXIOM20-25 Datasheet
94Kb / 2P
   OCXO in DIL14 Package with HCMOS Output
AXIOM20-26 AXTAL-AXIOM20-26 Datasheet
94Kb / 2P
   OCXO in DIL14 Package with HCMOS Output
More results

Similar Description - AXIOM238

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM275 AXTAL-AXIOM275 Datasheet
248Kb / 3P
   Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIOM260 AXTAL-AXIOM260 Datasheet
181Kb / 4P
   Low Phase Noise OCXO in Vibration-isolated Package
logo
BOWEI Integrated Circui...
OXK40 BOWEI-OXK40 Datasheet
123Kb / 1P
   Low phase noise,Anti-vibration OCXO
OXK581 BOWEI-OXK581 Datasheet
470Kb / 4P
   Low phase noise,Anti-vibration OCXO
logo
Advanced XTAL Products
AXIOM1000 AXTAL-AXIOM1000 Datasheet
117Kb / 4P
   UHF Ultra-Low Phase Noise OCXO in Connectorized Package
AXIOM450 AXTAL-AXIOM450 Datasheet
119Kb / 3P
   VHF Ultra-Low Phase Noise OCXO in Eurocase Package
AXIOM5050 AXTAL-AXIOM5050 Datasheet
115Kb / 4P
   VHF Ultra-Low Phase Noise OCXO in Connectorized Package
AXIOM45ULN AXTAL-AXIOM45ULN Datasheet
120Kb / 4P
   Ultra-Low Noise OCXO in Eurocase package
AXIOM145ULN AXTAL-AXIOM145ULN Datasheet
109Kb / 4P
   Ultra-Low Noise OCXO in SMD package
AXIOM145ULN AXTAL-AXIOM145ULN_17 Datasheet
113Kb / 4P
   Ultra-Low Noise OCXO in SMD package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com