Electronic Components Datasheet Search
  English  ▼

X  

MAX8521 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX8521
Description  Smallest TEC Power Drivers for Optical Modules
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8521 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX8521 Datasheet HTML 10Page - Maxim Integrated Products MAX8521 Datasheet HTML 11Page - Maxim Integrated Products MAX8521 Datasheet HTML 12Page - Maxim Integrated Products MAX8521 Datasheet HTML 13Page - Maxim Integrated Products MAX8521 Datasheet HTML 14Page - Maxim Integrated Products MAX8521 Datasheet HTML 15Page - Maxim Integrated Products MAX8521 Datasheet HTML 16Page - Maxim Integrated Products MAX8521 Datasheet HTML 17Page - Maxim Integrated Products MAX8521 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
The output common-mode ripple voltage can be calcu-
lated as follows:
VRIPPLE(P-P) = LIR x ITEC(MAX) (ESR + 1/8 x C x fs)
A 1µF ceramic capacitor with ESR of 10m
Ω with LIR =
12% and ITEC(MAX) = 1.5A results in VRIPPLE(P-P) of
24.3mV. For size-constraint applications, the capacitor
can be made smaller at the expense of higher ripple
voltage. However, the capacitance must be high
enough so that the LC resonant frequency is less than
1/5 the switching frequency:
where f is the resonant frequency of the output filter.
Differential Mode Filter Capacitor
The differential-mode filter capacitor (C5 in Figure 1) is
used to bypass differential ripple current through the
TEC as the result of unequal duty cycle of each output.
This happens when the TEC current is not at zero. As
TEC current increases from zero, both outputs move
away from the 50% duty-cycle point complementarily.
The common-mode ripple decreases, but the differential
ripple does not cancel perfectly, and there is a resulting
differential ripple. The maximum value happens when
one output is at 75% duty cycle and the other is at 25%
duty cycle. At this operating point, the differential ripple
is equal to 1/2 of the maximum common-mode ripple.
The TEC ripple current determines the TEC perfor-
mance, because the maximum temperature differential
that can be created between the terminals of the TEC
depends on the ratio of ripple current and DC current.
The lower the ripple current, the closer to the ideal
maximum. The differential-mode capacitor provides a
low-impedance path for the ripple current to flow, so that
the TEC ripple current is greatly reduced. The TEC ripple
current can then be calculated as follows:
ITEC(RIPPLE) = (0.5 x LIR x ITEC(MAX)) x (ZC5)/(RTEC
+ RSENSE + ZC5)
where ZC5 is the impedance of C5 at twice the switching
frequency, RTEC is the TEC equivalent resistance, and
RSENSE is the current-sense resistor.
Decoupling Capacitor Selection
Decouple each power-supply input (VDD, PVDD1,
PVDD2) with a 1µF ceramic capacitor close to the supply
pins. In applications with long distances between the
source supply and the MAX8520/MAX8521, additional
bypassing may be needed to stabilize the input supply.
In such cases, a low-ESR electrolytic or ceramic capaci-
tor of 100µF or more at VDD is sufficient.
Compensation Capacitor
A compensation capacitor is needed to ensure current-
control-loop stability (see Figure 3). Select the capacitor
so that the unity-gain bandwidth of the current-control
loop is less than or equal to 10% the resonant frequency
of the output filter:
where:
fBW = unity-gain bandwidth frequency, less than or
equal to 10% the output filter resonant frequency
gm = loop transconductance, typically 100µA/V
CCOMP = value of the compensation capacitor
RTEC = TEC series resistance; use the minimum resis-
tance value
RSENSE = sense resistor
Setting Voltage and Current Limits
Certain TEC parameters must be considered to guarantee
a robust design. These include maximum positive current,
maximum negative current, and the maximum voltage
allowed across the TEC. These limits should be used to
set the MAXIP, MAXIN, and MAXV voltages.
Setting Max Positive and Negative TEC Current
MAXIP and MAXIN set the maximum positive and nega-
tive TEC currents, respectively. The default current limit
is ±150mV/RSENSE when MAXIP and MAXIN are con-
nected to REF. To set maximum limits other than the
defaults, connect a resistor-divider from REF to GND to
set VMAXI_. Use resistors in the 10k
Ω to 100kΩ range.
VMAXI_ is related to ITEC by the following equations:
VMAXIP = 10(ITECP(MAX) ✕ RSENSE)
VMAXIN = 10(ITECN(MAX) ✕ RSENSE)
where ITECP(MAX) is the maximum positive TEC current
and ITECN(MAX) is the negative maximum TEC current.
Positive TEC current occurs when CS is less than OS1:
ITEC x RSENSE = OS1 - CS
when ITEC > 0.
ITEC ✕ RSENSE = CS - OS1
when ITEC < 0.
C
g
f
R
RR
COMP
m
BW
SENSE
SENSE
TEC
≥
 ×
×
×


24
2
π()
f
LC
=
1
2
π
Smallest TEC Power Drivers for
Optical Modules
14
______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com