Electronic Components Datasheet Search
  English  ▼

X  

MAX8521 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8521
Description  Smallest TEC Power Drivers for Optical Modules
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8521 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8521 Datasheet HTML 1Page - Maxim Integrated Products MAX8521 Datasheet HTML 2Page - Maxim Integrated Products MAX8521 Datasheet HTML 3Page - Maxim Integrated Products MAX8521 Datasheet HTML 4Page - Maxim Integrated Products MAX8521 Datasheet HTML 5Page - Maxim Integrated Products MAX8521 Datasheet HTML 6Page - Maxim Integrated Products MAX8521 Datasheet HTML 7Page - Maxim Integrated Products MAX8521 Datasheet HTML 8Page - Maxim Integrated Products MAX8521 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Smallest TEC Power Drivers for
Optical Modules
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = PVDD1 = PVDD2 = SHDN = 5V, 1MHz mode (Note 3). PGND1 = PGND2 = GND, CTLI = MAXV = MAXIP = MAXIN = REF,
TA = 0°C to +85°C, unless otherwise noted. Typical values at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX8521, FREQ= VDD, VDD = 3V to 5V
0.8
1
1.2
MAX8521, FREQ= 0, VDD = 3V to 5V
0.4
0.5
0.6
MAX8520, REXT = 60k
Ω, VDD = 5V
0.8
1
1.2
MAX8520, REXT = 60k
Ω, VDD = 3V
0.76
0.93
1.10
MAX8520, REXT = 150k
Ω, VDD = 5V
0.4
0.5
0.6
Internal Oscillator Switching
Frequency
fSW-INT
MAX8520, REXT = 150k
Ω, VDD = 3V
0.36
0.46
0.56
MHz
External Sync Frequency Range
25% < duty cycle <75% (MAX8521 only)
0.7
1.2
MHz
LX_ Duty Cycle
(Note 5)
0
100
%
OS1, OS2, CS Input Current
IOS1, IOS2,
ICS
0 or VDD
-100
+100
µA
SHDN, FREQ Input Current
ISHDN,
IFREQ
0 or VDD, FREQ applicable for the
MAX8521 only
-5
+5
µA
SHDN, FREQ Input Low Voltage
VIL
VDD = 3V to 5.5V, FREQ applicable for the
MAX8521 only
VDD x
0.25
V
SHDN, FREQ Input High Voltage
VIH
VDD = 3V to 5.5V, FREQ applicable for the
MAX8521 only
VDD x
0.75
V
VMAXV = VREF x 0.67, VOS1 to VOS2 =
±4V,
VDD = 5V
-2
+2
%
MAXV Threshold Accuracy
VMAXV = VREF x 0.33, VOS1 to VOS2 =
±2V,
VDD = 3V
-3
+3
%
MAXV, MAXI_ Input Bias Current
IMAXV-BIAS,
IMAXI_-BIAS
VMAXV = VMAXI_ = 0.1V or 1.5V
-0.1
+0.1
µA
CTLI Gain
ACTLI
VCTLI = 0.5V to 2.5V (Note 6)
9.5
10
10.5
V/V
CTLI Input Resistance
RCTLI
1M
Ω terminated at REF
0.5
1
2.0
M
Ω
Error-Amp Transconductance
gm
50
100
160
µS
VITEC Accuracy
VOS1 to VCS =
±100mV, VOS1 = VDD/2
-10
+10
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com