Electronic Components Datasheet Search
  English  ▼

X  

AXIOM450 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIOM450
Description  VHF Ultra-Low Phase Noise OCXO in Eurocase Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM450 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIOM450 Datasheet HTML 1Page - Advanced XTAL Products AXIOM450 Datasheet HTML 2Page - Advanced XTAL Products AXIOM450 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM450 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIOM450
Rev.: 1
Date: 2018-10-15
Oscillator type:
VHF Ultra-Low Phase Noise OCXO in Eurocase Package
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
160
500
MHz
Multiplication (Note 2)
Frequency stability
Initial tolerance @ +25°C
±200
ppb
@ VC = 5.0 V
vs. operating temperature range
±500
ppb
steady state
vs. supply voltage variation (pushing)
±10
ppb
VS ±5%
vs. load change (pulling)
±5
ppb
RL ±5%
Long term (aging) per day
±1
±2
ppb
after 30 days operation
Long term (aging) 1st year
±100
±200
ppb
after 30 days operation
Frequency adjustment range
Electronic Frequency Control (EFC)
±1
±2
ppm
EFC voltage VC
1.0
5.0
9.0
V
(Note 3)
EFC slope (∆f / ∆VC)
Positive
EFC input impedance
100
kΩ
RF output
Signal waveform
Sine wave
Load RL
50
Ω
±5%
Output level
+11
+13
+15
dBm
Harmonics
-50
-40
dBc
Sub-harmonics (multiples of fOUT/N)
-60
-50
dBc
(Note 2)
Spurious
-90
dBc
Warm-up time @ +25°C
5
min
∆ffinal/f0 < ±0.1 ppm
Phase noise @ 250 MHz (Note 4)
-162
-164
-95
-125
-150
-160
-160
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
@ 10 Hz
@ 100 Hz
@ 1 kHz
@ 10 kHz
@ ≥100 kHz
G-Sensitivity
0.5
ppb/g
Supply voltage VS
11.4
12.0
12.6
V
Current consumption (steady state)
250
mA
@ +25°C
Current consumption (warm-up)
500
mA
Operating temperature range
-40
+85
°C
Enclosure (see drawing) (LxWxH)
36.1x27.2x20 max.
mm
IEC 60679-3 CO 08
Weight
40
g
Packing
Palette
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Multiplication factor N depends on frequency
3.
Other tuning voltages on request
4.
Please consult factory for phase noise of other frequencies


Similar Part No. - AXIOM450

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM45 AXTAL-AXIOM45 Datasheet
54Kb / 2P
OCXO High stability, Sinewave Output
2005-07-15
AXIOM45-15 AXTAL-AXIOM45-15 Datasheet
98Kb / 3P
Low Phase Noise Eurocase OCXO with Sine Wave Output
AXIOM45-23 AXTAL-AXIOM45-23 Datasheet
102Kb / 2P
OCXO High stability, Sine Wave Output
AXIOM45ULN AXTAL-AXIOM45ULN Datasheet
120Kb / 4P
Ultra-Low Noise OCXO in Eurocase package
AXIOM45ULN AXTAL-AXIOM45ULN Datasheet
125Kb / 4P
Low Noise OCXO in Eurocase package
2017-01-07
More results

Similar Description - AXIOM450

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM50 AXTAL-AXIOM50 Datasheet
92Kb / 2P
VHF OCXO - Ultra low noise
2008-01-25
AXIOM145ULN AXTAL-AXIOM145ULN Datasheet
109Kb / 4P
Ultra-Low Noise OCXO in SMD package
2016-01-11
AXIOM1000 AXTAL-AXIOM1000 Datasheet
117Kb / 4P
UHF Ultra-Low Phase Noise OCXO in Connectorized Package
AXIOM5050 AXTAL-AXIOM5050 Datasheet
115Kb / 4P
VHF Ultra-Low Phase Noise OCXO in Connectorized Package
2014-07-09
AXIOM45-15 AXTAL-AXIOM45-15 Datasheet
98Kb / 3P
Low Phase Noise Eurocase OCXO with Sine Wave Output
AXIOM45ULN AXTAL-AXIOM45ULN Datasheet
120Kb / 4P
Ultra-Low Noise OCXO in Eurocase package
AXIOM45ULN AXTAL-AXIOM45ULN_17 Datasheet
125Kb / 4P
Low Noise OCXO in Eurocase package
2017-01-07
AXIOM145ULN AXTAL-AXIOM145ULN_17 Datasheet
113Kb / 4P
Ultra-Low Noise OCXO in SMD package
AXIOM238 AXTAL-AXIOM238 Datasheet
252Kb / 3P
Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIOM275 AXTAL-AXIOM275 Datasheet
248Kb / 3P
Ultra-Low Phase Noise OCXO in Vibration-isolated Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com