Electronic Components Datasheet Search
  English  ▼

X  

AXIOM450 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXIOM450
Description  VHF Ultra-Low Phase Noise OCXO in Eurocase Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM450 Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXIOM450 Datasheet HTML 1Page - Advanced XTAL Products AXIOM450 Datasheet HTML 2Page - Advanced XTAL Products AXIOM450 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM450 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 2(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Control Voltage VC
-0.5
15
V
VC to GND
Storage Temperature
-55
+105
°C
Ordering Code
Model
Revision
Frequency [MHz]
AXIOM450
Rev.1
250.000
Example: AXIOM450_Rev.1 – 250.000 MHz
Enclosure drawing
Pin connections:
Pin #
Symbol
Function
1
VC
Control Voltage (EFC)
2
N.C.
No Connection
3
VS
Supply Voltage
4
RF OUT
RF Output
5
GND
Ground


Similar Part No. - AXIOM450

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM45 AXTAL-AXIOM45 Datasheet
54Kb / 2P
   OCXO High stability, Sinewave Output
AXIOM45-15 AXTAL-AXIOM45-15 Datasheet
98Kb / 3P
   Low Phase Noise Eurocase OCXO with Sine Wave Output
AXIOM45-23 AXTAL-AXIOM45-23 Datasheet
102Kb / 2P
   OCXO High stability, Sine Wave Output
AXIOM45ULN AXTAL-AXIOM45ULN Datasheet
120Kb / 4P
   Ultra-Low Noise OCXO in Eurocase package
AXIOM45ULN AXTAL-AXIOM45ULN Datasheet
125Kb / 4P
   Low Noise OCXO in Eurocase package
More results

Similar Description - AXIOM450

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM45ULN AXTAL-AXIOM45ULN Datasheet
120Kb / 4P
   Ultra-Low Noise OCXO in Eurocase package
AXIOM45ULN AXTAL-AXIOM45ULN_17 Datasheet
125Kb / 4P
   Low Noise OCXO in Eurocase package
AXIOM5050 AXTAL-AXIOM5050 Datasheet
115Kb / 4P
   VHF Ultra-Low Phase Noise OCXO in Connectorized Package
AXIOM50 AXTAL-AXIOM50 Datasheet
92Kb / 2P
   VHF OCXO - Ultra low noise
AXIOM1000 AXTAL-AXIOM1000 Datasheet
117Kb / 4P
   UHF Ultra-Low Phase Noise OCXO in Connectorized Package
AXIOM238 AXTAL-AXIOM238 Datasheet
252Kb / 3P
   Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIOM275 AXTAL-AXIOM275 Datasheet
248Kb / 3P
   Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIOM45-15 AXTAL-AXIOM45-15 Datasheet
98Kb / 3P
   Low Phase Noise Eurocase OCXO with Sine Wave Output
AXIOM145ULN AXTAL-AXIOM145ULN Datasheet
109Kb / 4P
   Ultra-Low Noise OCXO in SMD package
AXIOM145ULN AXTAL-AXIOM145ULN_17 Datasheet
113Kb / 4P
   Ultra-Low Noise OCXO in SMD package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com