Electronic Components Datasheet Search
  English  ▼

X  

MPC860SRZP40 Datasheet(PDF) 13 Page - Motorola, Inc

Part # MPC860SRZP40
Description  ATM communication controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC860SRZP40 Datasheet(HTML) 13 Page - Motorola, Inc

Back Button MPC860SRZP40 Datasheet HTML 8Page - Motorola, Inc MPC860SRZP40 Datasheet HTML 9Page - Motorola, Inc MPC860SRZP40 Datasheet HTML 10Page - Motorola, Inc MPC860SRZP40 Datasheet HTML 11Page - Motorola, Inc MPC860SRZP40 Datasheet HTML 12Page - Motorola, Inc MPC860SRZP40 Datasheet HTML 13Page - Motorola, Inc MPC860SRZP40 Datasheet HTML 14Page - Motorola, Inc MPC860SRZP40 Datasheet HTML 15Page - Motorola, Inc MPC860SRZP40 Datasheet HTML 16Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MOTOROLA
MPC860SARPowerQUICC™TechnicalSummary
13
Ordering Information
Figure 3 shows the glueless connection of the 860SAR serial channels and UTOPIA interface to physical
layer framers and transceivers.
Figure 3. . MPC860SAR Serial Configuration
1.7
Ordering Information
Table 1. identifies the packages and operating frequencies available for the 860SAR.
Table 1. . MPC860SAR Package/Frequency Availability
Package Type
Frequency
(MHz)
Temperature
Order Number
Ball grid array
(ZP suffix)
25
0°C to 70°C
MPC860SRZP25
40
0°C to 70°C
MPC860SRZP40
50
0°C to 70°C
MPC860SRZP50
Ball grid array
(CZP suffix)
TBD
–40°C to 85°C
TBD
51 Mbps
ATM
Framer
MC68160
10 Base-T
Transceiver
ADSL
Transceiver
T1 Framer
RS-232
Transceiver
Utopia
SMC
TDMb
TDMa
SCC1
(Ethernet)
MPC860SAR
“7-Wire” Interface
SCC2
(ATMor
HDLC;
PPP or
FUNI)
SCC3
(ATMor
HDLC;
PPP or
FUNI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com