Electronic Components Datasheet Search
  English  ▼

X  

PAM2304 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PAM2304
Description  3MHz, 1A STEP-DOWN DC-DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2304 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button PAM2304 Datasheet HTML 3Page - Diodes Incorporated PAM2304 Datasheet HTML 4Page - Diodes Incorporated PAM2304 Datasheet HTML 5Page - Diodes Incorporated PAM2304 Datasheet HTML 6Page - Diodes Incorporated PAM2304 Datasheet HTML 7Page - Diodes Incorporated PAM2304 Datasheet HTML 8Page - Diodes Incorporated PAM2304 Datasheet HTML 9Page - Diodes Incorporated PAM2304 Datasheet HTML 10Page - Diodes Incorporated PAM2304 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PAM2304
Document number: DS36386 Rev. 2 - 2
7 of 12
www.diodes.com
June 2014
© Diodes Incorporated
PAM2304
A Product Line of
Diodes Incorporated
Application Information
The basic PAM2304 application circuit is shown on Page 2. External component selection is determined by the load requirement, selecting L first
and then CIN and COUT.
Inductor Selection
For most applications, the value of the inductor will fall in the range of 1μH. Its value is chosen based on the desired ripple current. Large value
inductors lower ripple current and small value inductors result in higher ripple currents. Higher VIN or VOUT also increases the ripple current as
shown in Equation 1. A reasonable starting point for setting ripple current is ∆IL = 400mA (40% of 1A).
()( )
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
Δ
V
V
1
V
L
f
1
I
IN
OUT
OUT
L
Equation (1)
The DC current rating of the inductor should be at least equal to the maximum load current plus half the ripple current to prevent core saturation.
Thus, a 1.4A rated inductor should be enough for most applications (1A + 400mA). For better efficiency, choose a low DC-resistance inductor.
CIN and COUT Selection
In continuous mode, the source current of the top MOSFET is a square wave of duty cycle VOUT/VIN. To prevent large voltage transients, a low
ESR input capacitor sized for the maximum RMS current must be used. The maximum RMS capacitor current is given by:
()
[]
V
V
V
V
I
I
required
C
IN
2
/
1
OUT
IN
OUT
OMAX
RMS
IN
−
≅
This formula has a maximum at V = 2VOUT, where IRMS =IOUT/2. This simple worst-case condition is commonly used for design because even
significant deviations do not offer much relief. Note that the capacitor manufacturer's ripple current ratings are often based on 2000 hours of life.
This makes it advisable to further derate the capacitor, or choose a capacitor rated at a higher temperature than required. Consult the
manufacturer if there is any question. The selection of COUT is driven by the required effective series resistance (ESR).
Typically, once the ESR requirement for COUT has been met, the RMS current rating generally far exceeds the IRIPPLE(P-P) requirement. The
output ripple ∆VOUT is determined by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
Δ
≅
Δ
fC
8
1
ESR
I
V
OUT
L
OUT
Where f = operating frequency, COUT = output capacitance and ∆IL = ripple current in the inductor. For a fixed output voltage, the output ripple is
highest at maximum input voltage since ∆IL increases with input voltage.
Using Ceramic Input and Output Capacitors
Higher values, lower cost ceramic capacitors are now becoming available in smaller case sizes. Their high ripple current, high voltage rating and
low ESR make them ideal for switching regulator applications. Using ceramic capacitors can achieve very low output ripple and small circuit size.
When choosing the input and output ceramic capacitors, choose the X5R or X7R dielectric formulations. These dielectrics have the best
temperature and voltage characteristics of all the ceramics for a given value and size.
Thermal Consideration
Thermal protection limits power dissipation in the PAM2304. When the junction temperature exceeds +150°C, the OTP (Over Temperature
Protection) starts the thermal shutdown and turns the pass transistor off. The pass transistor resumes operation after the junction temperature
drops below +120°C.
For continuous operation, the junction temperature should be maintained below +125°C. The power dissipation is defined as:
()
()V
I
I
F
t
V
R
V
V
V
I
P
IN
Q
O
S
SW
IN
L
)
ON
(
DS
O
IN
H
)
ON
(
DS
O
2
O
D
+
+
−
+
=
IQ is the step-down converter quiescent current. The term tsw is used to estimate the full load step-down converter switching losses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com