Electronic Components Datasheet Search
  English  ▼

X  

PAM2304 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM2304
Description  3MHz, 1A STEP-DOWN DC-DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2304 Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM2304 Datasheet HTML 1Page - Diodes Incorporated PAM2304 Datasheet HTML 2Page - Diodes Incorporated PAM2304 Datasheet HTML 3Page - Diodes Incorporated PAM2304 Datasheet HTML 4Page - Diodes Incorporated PAM2304 Datasheet HTML 5Page - Diodes Incorporated PAM2304 Datasheet HTML 6Page - Diodes Incorporated PAM2304 Datasheet HTML 7Page - Diodes Incorporated PAM2304 Datasheet HTML 8Page - Diodes Incorporated PAM2304 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PAM2304
Document number: DS36386 Rev. 2 - 2
3 of 12
www.diodes.com
June 2014
© Diodes Incorporated
PAM2304
A Product Line of
Diodes Incorporated
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Supply Voltage
2.7 to 5.5
V
Operation Temperature Range
-40 to +85
°C
Junction Temperature Range
-40 to +125
Thermal Information
Parameter
Symbol
Package
Max
Unit
Thermal Resistance (Junction to Case)
θJC
TSOT25 (Note 4)
130
°C/W
U-DFN2020-6
25
Thermal Resistance (Junction to Ambient)
θJA
TSOT25
250
U-DFN2020-6
68
Internal Power Dissipation (TA = +25°C)
PD
TSOT25
400
mW
U-DFN2020-6
980
Note:
4. The maximun output current for TSOT25 package is limited by internal power dissipation capacity as
described in Application Information hereinafter.
Electrical Characteristics (@TA = +25°C, VIN = 3.6V, VO = 1.8V, CIN = 10µF, COUT = 10µF, L = 1µH, unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
2.5
5.5
V
Regulated Feedback Voltage
VFB
0.588
0.6
0.612
V
Reference Voltage Line Regulation
∆VFB
0.3
%/V
Regulated Output Voltage Accuracy
VO
IO = 100mA
-3
+3
%
Peak Inductor Current
IPK
VIN = 3V, VFB = 0.5V or VO = 90%
1.5
A
Output Voltage Line Regulation
LNR
VIN = 2.5V to 5V, IO = 10mA
0.2
0.5
%/V
Output Voltage Load Regulation
LDR
IO = 1mA to 800mA
0.5
1.5
%
Quiescent Current
IQ
No load
40
70
µA
Shutdown Current
ISD
VEN = 0V
1
µA
Oscillator Frequency
fOSC
VO = 100%
3
MHz
VFB = 0V or VO = 0V
1
MHz
Drain-Source On-State Resistance
RDS(ON)
IDS = 100mA
P MOSFET
0.30
0.45
N MOSFET
0.35
0.50
SW Leakage Current
ILSW
±0.01
1
µA
High Efficiency
η
95
%
EN Threshold High
VEH
1.5
V
EN Threshold Low
VEL
0.3
V
EN Leakage Current
IEN
±0.01
µA
Over Temperature Protection
OTP
150
°C
OTP Hysteresis
OTH
30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com