Electronic Components Datasheet Search
  English  ▼

X  

PAM2309 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM2309
Description  1A STEP-DOWN DC-DC CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2309 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM2309 Datasheet HTML 1Page - Diodes Incorporated PAM2309 Datasheet HTML 2Page - Diodes Incorporated PAM2309 Datasheet HTML 3Page - Diodes Incorporated PAM2309 Datasheet HTML 4Page - Diodes Incorporated PAM2309 Datasheet HTML 5Page - Diodes Incorporated PAM2309 Datasheet HTML 6Page - Diodes Incorporated PAM2309 Datasheet HTML 7Page - Diodes Incorporated PAM2309 Datasheet HTML 8Page - Diodes Incorporated PAM2309 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PAM2309
Document number: DSxxxxx Rev. 2 - 1
2 of 17
www.diodes.com
January 2013
© Diodes Incorporated
PAM2309
A Product Line of
Diodes Incorporated
Typical Applications Circuit
V
2
R
1
R
1
5
.
0
O
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
×
=
Pin Descriptions
Pin
Name
Function
VIN
Chip main power supply pin.
GND
Ground
EN
Enable control input. Force this pin voltage above 1.5V, enables the chip, and below
0.3V shuts down the device.
VOUT/FB
VOUT: Output voltage feedback pin, an internal resistive divider divides the output
voltage down for comparison to the internal reference voltage.
FB:
Feedback voltage to internal error amplifier, the threshold voltage is 0.5V.
SW
The drains of the internal main and synchronous power MOSFET.
NC
Not connected
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com