Electronic Components Datasheet Search
  English  ▼

X  

PAM2319 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM2319
Description  DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2319 Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM2319 Datasheet HTML 1Page - Diodes Incorporated PAM2319 Datasheet HTML 2Page - Diodes Incorporated PAM2319 Datasheet HTML 3Page - Diodes Incorporated PAM2319 Datasheet HTML 4Page - Diodes Incorporated PAM2319 Datasheet HTML 5Page - Diodes Incorporated PAM2319 Datasheet HTML 6Page - Diodes Incorporated PAM2319 Datasheet HTML 7Page - Diodes Incorporated PAM2319 Datasheet HTML 8Page - Diodes Incorporated PAM2319 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PAM2319
Document number: DSxxxxx Rev. 1 - 1
4 of 12
www.diodes.com
November 2012
© Diodes Incorporated
PAM2319
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, VIN = 3.3V, VO = 1.8V, CIN = 10µF, CO = 10µF, L = 1µH, unless otherwise specified.)
Channel 1
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
2.7
5.5
V
UVLO Threshold
VUVLO
VIN Rising
2.4
2.5
V
Hysteresis
240
mV
VIN Falling
1.8
V
Regulated Feedback Voltage
VFB
0.588
0.600
0.612
V
Reference Voltage Line Regulation
∆VFB
0.3
%/V
Regulated Output Voltage Accuracy
VO
IO = 100mA
-3
+3
%
Peak Inductor Current
IPK
VO = 90%
1.5
A
Output Voltage Line Regulation
LNR
VIN = 2.7V to 5V, IO = 10mA
0.2
0.5
%/V
Output Voltage Load Regulation
LDR
IO = 1mA to 1000mA
-2
+2
%
Quiescent Current
IQ
No Load
40
80
µA
Shutdown Current
ISD
VEN = 0V
0.1
1
µA
Oscillator Frequency
fOSC
VO = 100%
3
MHz
VFB = 0V or VO =0V
1
MHz
Drain-Source On-State Resisitance
RDS(ON)
P MOSFET
0.35
0.45
Ω
N MOSFET
0.35
0.45
Ω
SW Leakage Current
ILSW
±0.01
1
µA
Efficiency
η
Output1, IO = 500mA, VIN = 3.3V
84
%
PSM Threshold
ITH
VIN = 3.3V
100
mA
EN Threshold High
VEH
1.5
V
EN Threshold Low
VEL
0.3
V
EN Leakage Current
IEN
±0.01
µA
Soft-Start
TON
From EN1 to Output
2
ms
Over Temperature Protection
OTP
150
°C
OTP Hysteresis
OTH
30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com