Electronic Components Datasheet Search
  English  ▼

X  

PAM2319 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM2319
Description  DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2319 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM2319 Datasheet HTML 1Page - Diodes Incorporated PAM2319 Datasheet HTML 2Page - Diodes Incorporated PAM2319 Datasheet HTML 3Page - Diodes Incorporated PAM2319 Datasheet HTML 4Page - Diodes Incorporated PAM2319 Datasheet HTML 5Page - Diodes Incorporated PAM2319 Datasheet HTML 6Page - Diodes Incorporated PAM2319 Datasheet HTML 7Page - Diodes Incorporated PAM2319 Datasheet HTML 8Page - Diodes Incorporated PAM2319 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PAM2319
Document number: DSxxxxx Rev. 1 - 1
2 of 12
www.diodes.com
November 2012
© Diodes Incorporated
PAM2319
A Product Line of
Diodes Incorporated
Typical Applications Circuit
Figure 1. Adjustable Voltage Regulator
Pin Descriptions
Pin
Number
W-DFN3x3-12L
Pin Name
Function
1
FB2
Channel 2 feedback pin internally set to 0.6V.
2
VIN2
Input voltage pin of channel 2.
3
AGND2
Signal ground of channel 2 for small signal components.
4
VIN1
Input voltage pin of channel 1.
5
PGND1
Main power ground pin of channel 1
6
SW1
Channel 1 switching pin. The drains of the internal main and synchronous power MOSFET.
7
FB1
Channel 1 feedback pin internally set to 0.6V.
8
AGND1
Signal ground of channel 1 for small signal components.
9
EN1
Enable control input. Pull logic high to enable Vo1. Pull logic low to disable.
10
EN2
Enable control input. Pull logic high to enable Vo2. Pull logic low to disable.
11
PGND2
Main power ground pin of channel 2.
12
SW2
Channel 2 switching pin. The drains of the internal main and synchronous power MOSFET.
—
Exposed Pad
Connect to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com