Electronic Components Datasheet Search
  English  ▼

X  

PAM2320 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM2320
Description  3A LOW NOISE STEP-DOWN DC-DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2320 Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM2320 Datasheet HTML 1Page - Diodes Incorporated PAM2320 Datasheet HTML 2Page - Diodes Incorporated PAM2320 Datasheet HTML 3Page - Diodes Incorporated PAM2320 Datasheet HTML 4Page - Diodes Incorporated PAM2320 Datasheet HTML 5Page - Diodes Incorporated PAM2320 Datasheet HTML 6Page - Diodes Incorporated PAM2320 Datasheet HTML 7Page - Diodes Incorporated PAM2320 Datasheet HTML 8Page - Diodes Incorporated PAM2320 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PAM2320
Document number: DSxxxxx Rev. 1 - 0
4 of 12
www.diodes.com
October 2012
© Diodes Incorporated
PAM2320
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, VIN = 3.6V, VO = 1.8V, CIN = 22µF, CO = 22µF, L = 2.2µH, unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
2.7
5.5
V
Output Voltage Range
VO
0.6
VIN
V
UVLO Threshold
VUVLO
VIN Rising
2.4
2.5
V
Hysteresis
240
mV
VIN Falling
1.8
V
Regulated Output Voltage Accuracy
VO
IO = 0 to 3A
-3
+2
%
Regulated Feedback Voltage
VFB
0.591
0.600
0.609
V
FB Leakage Current
IFB
VO =1V
0.2
µA
Output Voltage Line Regulation
LNR
VIN = 2.5V to 5V
0.2
%/V
Output Voltage Load Regulation
LDR
IO = 0A to 3A
0.5
%/A
Quiescent Current
IQ
No Load
42
90
µA
Shutdown Current
ISD
VEN = 0V
1
µA
Current Limit
ILIM
4
A
Oscillator Frequency
fOSC
1.2
1.5
1.8
MHz
Drain-Source On-State Resisitance
RDS(ON)
High Side
0.85
mΩ
Low Side
60
mΩ
High Efficiency
η
95
95
%
Analog Soft-Start Time
tS
From enable to output regulation
0.5
3
ms
EN Threshold High
VEH
1.5
V
EN Threshold Low
VEL
0.3
V
EN Leakage Current
IEN
VIN = VEN = 0V
-1.0
+1.0
µA
Over Temperature Protection
OTP
150
°C
OTP Hysteresis
OTH
30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com