Electronic Components Datasheet Search
  English  ▼

X  

PAM2320 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM2320
Description  3A LOW NOISE STEP-DOWN DC-DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2320 Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM2320 Datasheet HTML 1Page - Diodes Incorporated PAM2320 Datasheet HTML 2Page - Diodes Incorporated PAM2320 Datasheet HTML 3Page - Diodes Incorporated PAM2320 Datasheet HTML 4Page - Diodes Incorporated PAM2320 Datasheet HTML 5Page - Diodes Incorporated PAM2320 Datasheet HTML 6Page - Diodes Incorporated PAM2320 Datasheet HTML 7Page - Diodes Incorporated PAM2320 Datasheet HTML 8Page - Diodes Incorporated PAM2320 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PAM2320
Document number: DSxxxxx Rev. 1 - 0
3 of 12
www.diodes.com
October 2012
© Diodes Incorporated
PAM2320
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability. All voltages are with respect to ground.
Parameter
Rating
Unit
Input Voltage VIN
6
V
SW Pin Voltage
-0.3 to (VIN +0.3)
V
FB Pin Voltage
-0.3 to (VIN +0.3)
V
EN Pin Voltage
-0.3 to +6.0
V
Maximum Junction Temperature
150
°C
Storage Temperature Range
-65 to +150
°C
Soldering Temperature
300, 5sec
°C
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Supply Voltage
2.7 to 5.5
V
Junction Temperature Range
-40 to +125
°C
Ambient Temperature Range
-40 to +85
Thermal Information
Parameter
Symbol
Package
Max
Unit
Thermal Resistance (Junction to Ambient)
θJA
PSOP-8
90
°C/W
Thermal Resistance (Junction to Case)
θJC
PSOP-8
14
Internal Power Dissipation (@TA= 25°C)
PD
PSOP-8
1100
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com