Electronic Components Datasheet Search
  English  ▼

X  

PCA9511A Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9511A
Description  Hot swappable I2C-bus and SMBus bus buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9511A Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9511A Datasheet HTML 9Page - NXP Semiconductors PCA9511A Datasheet HTML 10Page - NXP Semiconductors PCA9511A Datasheet HTML 11Page - NXP Semiconductors PCA9511A Datasheet HTML 12Page - NXP Semiconductors PCA9511A Datasheet HTML 13Page - NXP Semiconductors PCA9511A Datasheet HTML 14Page - NXP Semiconductors PCA9511A Datasheet HTML 15Page - NXP Semiconductors PCA9511A Datasheet HTML 16Page - NXP Semiconductors PCA9511A Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
9397 750 13269
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 15 August 2005
13 of 23
Philips Semiconductors
PCA9511A
Hot swappable I2C-bus and SMBus bus buffer
[1]
This specification applies over the full operating temperature range.
[2]
The enable time can slow considerably for some parts when temperature is <
−20 °C.
[3]
Delays that can occur after ENABLE and/or idle times have passed.
[4]
Guaranteed by design, not production tested.
[5]
Itrt(pu) varies with temperature and VCC voltage, as shown in Section 11.1 “Typical performance characteristics”.
[6]
The connection circuitry always regulates its output to a higher voltage than its input. The magnitude of this offset voltage as a function
of the pull-up resistor and VCC voltage is shown in Section 11.1 “Typical performance characteristics”.
[7]
Cb = total capacitance of one bus line in pF.
[8]
Force VSDAIN = VSCLIN = 0.1 V, tie SDAOUT and SCLOUT through 10 kΩ resistor to VCC and measure the SDAOUT and SCLOUT
output.
Input-output connection
Voffset
offset voltage
10 k
Ω to V
CC on SDA, SCL;
VCC = 3.3 V
[1] [6]
[8]
0
110
175
mV
tPLH
LOW-to-HIGH
propagation delay (SCL
to SCL and SDA to SDA)
10 k
Ω to V
CC;
CL = 100 pF each side
-0
-
ns
tPHL
HIGH-to-LOW
propagation delay (SCL
to SCL and SDA to SDA)
10 k
Ω to V
CC;
CL = 100 pF each side
-70
-
ns
Ci(SCL/SDA) SCL and SDA input
capacitance
[4] -
57pF
VOL
LOW-state output
voltage
VI = 0 V; SDAn, SCLn pins;
Isink = 3 mA; VCC = 2.7 V
[1] 0
-
0.4
V
ILI
input leakage current
SDAn, SCLn pins; VCC = 5.5 V
−1-
+1
µA
System characteristics
fSCL
SCL clock frequency
[4] 0
-
400
kHz
tBUF
bus free time between
STOP and START
condition
[4] 1.3
-
-
µs
tHD;STA
START condition hold
time
[4] 0.6
-
-
µs
tSU;STA
START condition set-up
time
[4] 0.6
-
-
µs
tSU;STO
STOP condition set-up
time
[4] 0.6
-
-
µs
tHD;DAT
data hold time
[4] 300
-
-
ns
tSU;DAT
data setup time
[4] 100
-
-
ns
tLOW
SCL LOW time
[4] 1.3
-
-
µs
tHIGH
SCL HIGH time
[4] 0.6
-
-
µs
tf
fall time SDA and SCL
[4] [7] 20 + 0.1
× Cb -
300
ns
tr
rise time SDA and SCL
[4] [7] 20 + 0.1
× Cb -
300
ns
Table 5:
Characteristics …continued
VCC = 2.7 V to 5.5 V; Tamb = −40 °C to +85 V; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com