Electronic Components Datasheet Search
  English  ▼

X  

PCA9511A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9511A
Description  Hot swappable I2C-bus and SMBus bus buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9511A Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9511A Datasheet HTML 1Page - NXP Semiconductors PCA9511A Datasheet HTML 2Page - NXP Semiconductors PCA9511A Datasheet HTML 3Page - NXP Semiconductors PCA9511A Datasheet HTML 4Page - NXP Semiconductors PCA9511A Datasheet HTML 5Page - NXP Semiconductors PCA9511A Datasheet HTML 6Page - NXP Semiconductors PCA9511A Datasheet HTML 7Page - NXP Semiconductors PCA9511A Datasheet HTML 8Page - NXP Semiconductors PCA9511A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
9397 750 13269
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 15 August 2005
2 of 23
Philips Semiconductors
PCA9511A
Hot swappable I2C-bus and SMBus bus buffer
4.
Feature selection
5.
Ordering information
[1]
Also known as ‘MSOP8’.
Standard packing quantities and other packaging data are available at
www.standardics.philips.com/packaging/.
Table 1:
Feature selection chart
Feature
PCA9510A PCA9511A PCA9512A PCA9513A PCA9514A
idle detect
yes
yes
yes
yes
yes
high-impedance SDA, SCL pins for VCC = 0 V
yes
yes
yes
yes
yes
rise time accelerator circuitry on SDAn and SCLn lines
-
yes
yes
yes
yes
rise time accelerator circuitry hardware disable pin for
lightly loaded systems
--yes
--
rise time accelerator threshold 0.8 V versus 0.6 V
improves noise margin
---yes
yes
ready open-drain output
yes
yes
-
yes
yes
two VCC pins to support 5 V to 3.3 V level translation with
improved noise margins
--yes
--
1 V precharge on all SDA and SCL lines
in only
yes
yes
-
-
92
µA current source on SCLIN and SDAIN for PICMG
applications
---yes
-
Table 2:
Ordering information
Tamb = −40 °C to +85 °C
Type number
Topside
mark
Package
Name
Description
Version
PCA9511AD
PA9511A
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
PCA9511ADP
9511A
TSSOP8 [1]
plastic thin shrink small outline package; 8 leads; body width 3 mm SOT505-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com