Electronic Components Datasheet Search
  English  ▼

X  

AD840 Datasheet(PDF) 8 Page - Analog Devices

Part # AD840
Description  Wideband, Fast Settling Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD840 Datasheet(HTML) 8 Page - Analog Devices

  AD840 Datasheet HTML 1Page - Analog Devices AD840 Datasheet HTML 2Page - Analog Devices AD840 Datasheet HTML 3Page - Analog Devices AD840 Datasheet HTML 4Page - Analog Devices AD840 Datasheet HTML 5Page - Analog Devices AD840 Datasheet HTML 6Page - Analog Devices AD840 Datasheet HTML 7Page - Analog Devices AD840 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD840
REV. C
–8–
HIGH SPEED DAC BUFFER CIRCUIT
The AD840’s 100 ns settling time to 0.01% for a 10 V step
makes it well suited as an output buffer for high speed D/A con-
verters. Figure 25 shows the connections for producing a 0 to
+10.24 V output swing from the AD568 35 ns DAC. With the
AD568 in unbuffered voltage output mode, the AD840 is
placed in noninverting configuration. As a result of the 1 k
Ω
span resistor provided internally in the AD568, the noise gain of
this topology is 10. Only 5 pF is required across the feedback
(span) resistor to optimize settling.
Figure 25. 0 V to +10.24 V DAC Output Buffer
OVERDRIVE RECOVERY
Figure 26 shows the overdrive recovery capability of the AD840.
Typical recovery time is 190 ns from negative overdrive and
350 ns from positive overdrive.
Figure 26. Overdrive Recovery
Figure 27. Overdrive Recovery Test Circuit
14-Pin Plastic (N) Package
20-Pin LCC (E) Package
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
14-Pin Cerdip (Q) Package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com