Electronic Components Datasheet Search
  English  ▼

X  

AD5220 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5220
Description  256-Position and 33-Position Digital Potentiometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5220 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5220 Datasheet HTML 2Page - Analog Devices AD5220 Datasheet HTML 3Page - Analog Devices AD5220 Datasheet HTML 4Page - Analog Devices AD5220 Datasheet HTML 5Page - Analog Devices AD5220 Datasheet HTML 6Page - Analog Devices AD5220 Datasheet HTML 7Page - Analog Devices AD5220 Datasheet HTML 8Page - Analog Devices AD5220 Datasheet HTML 9Page - Analog Devices AD5220 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. B
–6–
AD5200/AD5201–Typical Performance Characteristics
CODE – Decimal
0.20
224
0.15
0.10
0.05
0.00
0.05
0.10
0.15
0.20
192
160
128
96
64
32
0
256
VDD = 2.7V, VSS = 0V
VDD = 5.5V, VSS = 0V
VDD = +2.7V, VSS = –2.7V
TPC 1. AD5200 10 k
Ω RDNL vs. Code
CODE – Decimal
28
–0.02
–0.01
0.00
0.01
0.02
0.03
24
20
16
12
8
4
032
–0.03
VDD = 2.7V, VSS = 0V
VDD = 5.5V, VSS = 0V
VDD = +2.7V, VSS = –2.7V
TPC 2. AD5201 10 k
Ω RDNL vs. Code
CODE – Decimal
224
0.0
0.1
0.2
0.3
0.5
0.7
192
160
128
96
64
32
0
256
–0.1
VDD = 2.7V, VSS = 0V
VDD = 5.5V, VSS = 0V
VDD = +2.7V, VSS = –2.7V
0.6
0.4
TPC 3. AD5200 10 k
Ω RINL vs. Code
CODE – Decimal
28
0.00
0.02
0.04
0.06
0.08
0.12
24
20
16
12
8
4
032
–0.02
VDD = +2.7V
VSS = –2.7V
VDD = 2.7V, VSS = 0V
VDD = 5.5V, VSS = 0V
0.10
TPC 4. AD5201 10 k
Ω RINL vs. Code
CODE – Decimal
224
–0.25
–0.20
–0.15
–0.10
–0.05
0.10
192
160
128
96
64
32
0
256
–0.30
VDD = +2.7V, VSS = –2.7V
VDD = 5.5V, VSS = 0V
VDD = 2.7V, VSS = 0V
0.00
0.05
TPC 5. AD5200 10 k
Ω DNL vs. Code
CODE – Decimal
28
–0.005
0.000
0.005
0.010
0.020
24
20
16
12
8
4
032
–0.010
VDD = +2.7V, VSS = –2.7V
VDD = 5.5V, VSS = 0V
VDD = 2.7V, VSS = 0V
0.015
TPC 6. AD5201 10 k
Ω DNL vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com