Electronic Components Datasheet Search
  English  ▼

X  

OV16880 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV16880
Description  16-Megapixel 1-Micron Pixel PureCel짰Plus-S Image Sensor with Phase Detection Autofocus for Slim Mobile Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV16880 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV16880 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV16880 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
Smartphones
Digital Still Cameras (DSC)
¬
¬
Digital Video Camcorders (DVC)
PC Multimedia
Applications
¬
¬
¬
¬
¬
¬
¬
¬
¬
automatic black level calibration (ABLC)
programmable controls for frame rate,
mirror and flip, cropping, and windowing
support for dynamic DPC cancellation
supports output formats:
10-bit RAW RGB
supports horizontal and vertical
subsampling
supports typical images sizes:
4672x3504, 4672x2628, 2336x1752,
1920x1080, 1280x720
supports 2x2 binning
standard serial SCCB interface
up to 4-lane MIPI TX interface with
speed up to 1.5 Gbps/lane
programmable I/O drive capability
up to 1/2/4-lane LVDS interface with
speed up to 1.5 Gbps/lane
embedded 13kbits (1664 bytes) of
one-time programmable (OTP) memory
for customer use
interleave row HDR output
support for high speed AF
support for PDAF
three on-chip phase lock loops (PLLs)
programmable I/O drive capability
built-in temperature sensor
¬
¬
¬
¬
¬
¬
¬
¬
¬
Product Features
Functional Block Diagram
¬
OV16880-GA5A-1B
(color, chip probing, 150 µm backgrinding, reconstructed wafer with good die)
Ordering Information
¬
¬
¬
¬
¬
¬
¬
¬
active array size: 4672 x 3504
power supply:
- core: 1.2V
- analog: 2.8V
- I/O: 1.8V
power requirements:
- active: 300 mW
- standby: 6 mA
- XSHUTDN: 3 µA
temperature range:
- operating: -30°C to +85°C junction
temperature
- stable image: 0°C to +60°C junction
temperature
output formats: 10-bit RGB RAW
lens size: 1/3.06"
lens chief ray angle: 34.2° non-linear
input clock frequency: 6 ~ 64 MHz
¬
¬
¬
¬
¬
¬
¬
¬
¬
maximum image transfer rate:
- 4672x3504: 30 fps
- 4672x2628: 30 fps
- 2336x1752: 60 fps
- 1920x1080: 90 fps
- 1280x720: 120 fps
sensitivity: 3200 e-/lux-sec
max S/N ratio: 36.8 dB
dynamic range: 72 dB @ 16x gain
scan mode: progressive
pixel size: 1.0 µm x 1.0 µm
dark current: 4 e-/sec
@ 60°C junction temperature
image area: 4741.632 µm x 3564.288 µm
die dimensions:
- COB: 5640 µm x 4560 µm
- RW: 5690 µm x 4610 µm
Product Specifications
Version 1.2, September, 2016
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision, the OmniVision logo and PureCel are registered
trademarks of OmniVision Technologies, Inc. All other trademarks are the property of their
respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OV16880
OV16880
image sensor core
image
sensor
processor
image output
interface
column
sample/hold
PLL
PLLs
timing generator and system control logic
control register bank
SCCB interface
gain
control
MCP/N
MDP/N[3:0]
temperature
sensor
image
array
AMP
10-bit
ADC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com