Electronic Components Datasheet Search
  English  ▼

X  

OV16880 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV16880
Description  16-Megapixel 1-Micron Pixel PureCel짰Plus-S Image Sensor with Phase Detection Autofocus for Slim Mobile Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV16880 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV16880 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV16880 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16-Megapixel 1-Micron Pixel PureCel®Plus-S
Image Sensor with Phase Detection Autofocus
for Slim Mobile Devices
OV16880 16MPproductbrief
lead free
available in
a lead-free
package
OmniVision's high performance OV16880 is a
1/3.06-inch 16-megapixel image sensor built on
OmniVision's PureCel®Plus-S stacked die technology.
Utilizing an advanced 1-micron pixel, the sensor brings
ultra-high resolution image and video capture, as well as
advanced features such as phase detection autofocus
(PDAF), to slim smartphones and tablets.
OmniVision's PureCel®Plus-S sensors utilize buried
color filter array (BCFA) and deep trench isolation (DTI)
technology, which dramatically reduces pixel crosstalk
and improves signal-to-noise ratio to produce superior
images and video. Additionally, this technology enables
a slimmer module design by allowing larger chief ray
angle (CRA) lenses without degradation of image
quality.
The OV16880 PureCel®Plus-S image sensor is capable
of capturing 16-megapixel (4672 x 3504 pixels) images
at 30 frames per second (fps), thus allowing burst
photography and zero shutter lag at full resolution.
Additionally, the sensor is capable of capturing 4K video
at 30 fps, 1080p video at 90 fps, and 720p video at
120 fps.
The sensor can fit into an 8.5 x 8.5 mm module with a
z-height less than 5 mm. The OV16880 is currently in
mass production.
Find out more at www.ovt.com.


Similar Part No. - OV16880

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV16885 OMNIVISION-OV16885 Datasheet
946Kb / 2P
16-Megapixel PureCel짰Plus-S Sensor
OV16885-4C OMNIVISION-OV16885-4C Datasheet
680Kb / 2P
16-Megapixel Second-Generation PureCel짰Plus-S Sensor for Front-Facing Mobile Applications
OV16885-GA5A OMNIVISION-OV16885-GA5A Datasheet
946Kb / 2P
16-Megapixel PureCel짰Plus-S Sensor
OV16885-GA5A-4C OMNIVISION-OV16885-GA5A-4C Datasheet
680Kb / 2P
16-Megapixel Second-Generation PureCel짰Plus-S Sensor for Front-Facing Mobile Applications
More results

Similar Description - OV16880

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9D011 MICRON-MT9D011 Datasheet
1Mb / 61P
1/3-INCH 2-MEGAPIXEL CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
MT9M011 MICRON-MT9M011 Datasheet
902Kb / 41P
1/3-Inch Megapixel CMOS Active-Pixel Digital Image Sensor
MT9M413C36STC MICRON-MT9M413C36STC Datasheet
504Kb / 30P
1.3-MEGAPIXEL CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
logo
OmniVision Technologies...
OV12890 OMNIVISION-OV12890 Datasheet
662Kb / 2P
Advanced 1.55-Micron Large-Pixel PureCel짰Plus-S Sensor for Premium Smartphones
OV12895 OMNIVISION-OV12895 Datasheet
1Mb / 2P
12-Megapixel PureCel짰Plus-S Sensor
OV16885 OMNIVISION-OV16885 Datasheet
946Kb / 2P
16-Megapixel PureCel짰Plus-S Sensor
OV16885-4C OMNIVISION-OV16885-4C Datasheet
680Kb / 2P
16-Megapixel Second-Generation PureCel짰Plus-S Sensor for Front-Facing Mobile Applications
OV20381 OMNIVISION-OV20381 Datasheet
691Kb / 2P
20-Megapixel Second-Generation 1.0-Micron PureCel짰Plus-S Sensor for Smartphones
OV20880 OMNIVISION-OV20880 Datasheet
748Kb / 2P
20-Megapixel Second-Generation 1.0-Micron PureCel짰Plus-S Sensor for Smartphones
OV20880-4C OMNIVISION-OV20880-4C Datasheet
800Kb / 2P
20-Megapixel Second-Generation 1.0-Micron PureCel짰Plus-S Sensor for Front-Facing Cameras
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com