Electronic Components Datasheet Search
  English  ▼

X  

1676996 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1676996
Description  HC-A 10-ESTC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1676996 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1676996 Datasheet HTML 1Page - PHOENIX CONTACT 1676996 Datasheet HTML 2Page - PHOENIX CONTACT 1676996 Datasheet HTML 3Page - PHOENIX CONTACT 1676996 Datasheet HTML 4Page - PHOENIX CONTACT 1676996 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Jan 25, 2011
Extract from the online
catalog
 
HC-A 10-ESTC
Order No.: 1676996
The illustration shows version HC-A 10-ESTS
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1676996
 
 
HEAVYCON male insert, A10 series, 10-pos., crimp connection
 
Commercial data
GTIN (EAN)
4
017918
129613
sales group
D014
Pack
10 pcs.
Customs tariff
85366990
Catalog page information
Page 424 (PC-2009)
Product notes
WEEE/RoHS-compliant since:
03/01/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Note
For HC-D25 housing, crimp contact CK2,5-ED (crimp contacts
not included in scope of supply)
Connection method
Crimp connection
Ambient temperature (operation)
-40 °C ... 125 °C (including heating up of contacts)
Pollution degree
3
Surge voltage category
III


Similar Part No. - 1676996

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
16769 VICOR-16769 Datasheet
73Kb / 1P
OUTLINE DRAWING, HUB470-P
logo
Atom Lighting
16769 ATOM-16769 Datasheet
234Kb / 2P
Buller
22nd of January 2025 08:29:51 -
logo
Vicor Corporation
16769-04 VICOR-16769-04 Datasheet
73Kb / 1P
OUTLINE DRAWING, HUB470-P
logo
PHOENIX CONTACT
1676912 PHOENIX-1676912 Datasheet
52Kb / 3P
Pressure screw - HC-DS-PG36-E
1676925 PHOENIX-1676925 Datasheet
48Kb / 2P
Screw connection - HC-SKV 13 MS
More results

Similar Description - 1676996

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1677034 PHOENIX-1677034 Datasheet
163Kb / 4P
HC-A 16-ESTC
1677076 PHOENIX-1677076 Datasheet
90Kb / 8P
Contact insert - HC-A 16-ESTC-32
1687448 PHOENIX-1687448 Datasheet
177Kb / 5P
HC-BB 10-ESTC
1687480 PHOENIX-1687480 Datasheet
177Kb / 5P
HC-BB 32-ESTC
1771231 PHOENIX-1771231 Datasheet
165Kb / 5P
HC-B 10-ESTC
1771752 PHOENIX-1771752 Datasheet
167Kb / 6P
HC-B 24-ESTC
1772324 PHOENIX-1772324 Datasheet
170Kb / 5P
HC-D 15-ESTC
1772418 PHOENIX-1772418 Datasheet
173Kb / 5P
HC-D 25-ESTC
1773417 PHOENIX-1773417 Datasheet
124Kb / 9P
Contact insert - HC-HV 10-ESTC
1775758 PHOENIX-1775758 Datasheet
138Kb / 4P
HC-D 8-ESTC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com