Electronic Components Datasheet Search
  English  ▼

X  

1676996 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1676996
Description  HC-A 10-ESTC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1676996 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1676996 Datasheet HTML 1Page - PHOENIX CONTACT 1676996 Datasheet HTML 2Page - PHOENIX CONTACT 1676996 Datasheet HTML 3Page - PHOENIX CONTACT 1676996 Datasheet HTML 4Page - PHOENIX CONTACT 1676996 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HC-A 10-ESTC Order No.: 1676996
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1676996
PHOENIX CONTACT Inc., USA
Page 2 / 5
http://www.phoenixcon.com
Jan 25, 2011
Constructional and testing regulations
DIN VDE 0627/86
DIN VDE 0110/02.79
DIN VDE 0110-1/04.97
IEC 60664-1, DIN IEC 60512
IEC 60352
Number of positions
10
Insertion/withdrawal cycles
≥ 500
Design
A10
Connection in acc. with standard
IEC / EN
Conductor cross-section
0.5 mm² ... 4 mm²
Connection cross-section AWG
20 ... 12
Stripping length of the individual wire
8 mm
Assembly instructions
Connectors may be operated only when there is no load/voltage.
Material data
Inflammability class acc. to UL 94
V0
Contact material
Copper alloy
Contact surface material
Ag (alternatively Au)
Contact carrier material
PA
Electrical characteristics
Rated voltage (III/3)
250 V
Rated surge voltage
4 kV
Rated current
16 A
Certificates / Approvals
Certification
CSA, GOST, UL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com