Electronic Components Datasheet Search
  English  ▼

X  

CAT5261 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT5261
Description  Dual Digitally Programmable Potentiometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5261 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT5261 Datasheet HTML 1Page - Catalyst Semiconductor CAT5261 Datasheet HTML 2Page - Catalyst Semiconductor CAT5261 Datasheet HTML 3Page - Catalyst Semiconductor CAT5261 Datasheet HTML 4Page - Catalyst Semiconductor CAT5261 Datasheet HTML 5Page - Catalyst Semiconductor CAT5261 Datasheet HTML 6Page - Catalyst Semiconductor CAT5261 Datasheet HTML 7Page - Catalyst Semiconductor CAT5261 Datasheet HTML 8Page - Catalyst Semiconductor CAT5261 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
DESCRIPTION
The CAT5261 is two Digitally Programmable
Potentiometers (DPPs™) integrated with control logic
and 8 bytes of NVRAM memory. Each DPP consists of
a series of resistive elements connected between two
externally accessible end points. The tap points between
each resistive element are connected to the wiper outputs
with CMOS switches. A separate 8-bit control register
(WCR) independently controls the wiper tap switches for
each DPP. Associated with each wiper control register
are four 8-bit non-volatile memory data registers (DR)
used for storing up to four wiper settings. Writing to the
wiper control register or any of the non-volatile data
CAT5261
Dual Digitally Programmable Potentiometer (DPP™) with
256 Taps and SPI Interface
FEATURES
s Two linear-taper digitally programmable
potentiometers
s 256 resistor taps per potentiometer
s End to end resistance 50k
Ω or 100kΩ
s Potentiometer control and memory access via
SPI interface
s Low wiper resistance, typically 100
Ω
Ω
Ω
Ω
Ω
s Nonvolatile memory storage for up to four wiper
settings for each potentiometer
s Automatic recall of saved wiper settings at
power up
s 2.5 to 6.0 volt operation
s Standby current less than 1
µA
s 1,000,000 nonvolatile WRITE cycles
s 100 year nonvolatile memory data retention
s 24-lead SOIC and 24-lead TSSOP
s Industrial temperature range
PIN CONFIGURATION
FUNCTIONAL DIAGRAM
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Document No. 2122, Rev. B
registers is via a SPI serial bus. On power-up, the
contents of the first data register (DR0) for each of the
potentiometers is automatically loaded into its respective
wiper control register.
The CAT5261 can be used as a potentiometer or as a
two terminal, variable resistor. It is intended for circuit
level or system level adjustments in a wide variety of
applications. It is available in the -40
°C to 85°C industrial
operating temperature range and offered in a 24-lead
SOIC and TSSOP package.
ALO
GEN FR
TM
LEAD FREE
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
CAT
5261
SO
A0
NC
NC
NC
NC
VCC
RL0
RH0
RW0
CS
WP
HOLD
SCK
NC
NC
NC
NC
GND
RW1
RH1
RL1
A1
SI
SOIC/TSSOP Package (J, W/U, Y)
R
H0
W0
W1
H1
R
RL0
L1
R
WIPER
CONTROL
REGISTERS
NONVOLATILE
DATA
REGISTERS
SPI BUS
INTERFACE
CONTROL
LOGIC
A0
A1
R
R
WP
CS
SCK
SI
SO
HOLD


Similar Part No. - CAT5261

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261 Datasheet
241Kb / 15P
Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
CAT5261 ONSEMI-CAT5261 Datasheet
209Kb / 14P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
logo
Catalyst Semiconductor
CAT5261WI-00 CATALYST-CAT5261WI-00 Datasheet
241Kb / 15P
Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
More results

Similar Description - CAT5261

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521_04 Datasheet
73Kb / 10P
Configured Digitally Programmable Potentiometer
CAT522 CATALYST-CAT522_04 Datasheet
85Kb / 11P
Configured Digitally Programmable Potentiometer
CAT523 CATALYST-CAT523_04 Datasheet
102Kb / 11P
Configured Digitally Programmable Potentiometer
CAT524 CATALYST-CAT524_04 Datasheet
105Kb / 13P
Configured Digitally Programmable Potentiometer
CAT525 CATALYST-CAT525_04 Datasheet
99Kb / 12P
Configured Digitally Programmable Potentiometer
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
32-Tap Digitally Programmable Potentiometer
CAT5132 CATALYST-CAT5132_06 Datasheet
540Kb / 14P
16 Volt Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
250Kb / 15P
32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com