Electronic Components Datasheet Search
  English  ▼

X  

CAT5261 Datasheet(PDF) 13 Page - Catalyst Semiconductor

Part # CAT5261
Description  Dual Digitally Programmable Potentiometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5261 Datasheet(HTML) 13 Page - Catalyst Semiconductor

Back Button CAT5261 Datasheet HTML 7Page - Catalyst Semiconductor CAT5261 Datasheet HTML 8Page - Catalyst Semiconductor CAT5261 Datasheet HTML 9Page - Catalyst Semiconductor CAT5261 Datasheet HTML 10Page - Catalyst Semiconductor CAT5261 Datasheet HTML 11Page - Catalyst Semiconductor CAT5261 Datasheet HTML 12Page - Catalyst Semiconductor CAT5261 Datasheet HTML 13Page - Catalyst Semiconductor CAT5261 Datasheet HTML 14Page - Catalyst Semiconductor CAT5261 Datasheet HTML 15Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
CAT5261
Document No. 2122, Rev. B
Notes:
(1) The device used in the above example is a CAT5261JI-50-TE13 (SOIC, Industrial Temperature, 50kohm, Tape & Reel)
ORDERING INFORMATION
24-LEAD 300 MIL WIDE SOIC (J)
0.2914 (7.40)
0.2992 (7.60)
0.394 (10.00)
0.419 (10.65)
0.0926 (2.35)
0.1043 (2.65)
0.0040 (0.10)
0.0118 (0.30)
0.050 (1.27) BSC
0.013 (0.33)
0.020 (0.51)
0 —8
0.0091 (0.23)
0.0125 (0.32)
0.010 (0.25)
0.029 (0.75)
X 45
0.016 (0.40)
0.050 (1.27)
0.5985 (15.20)
0.6141 (15.60)
PACKAGING INFORMATION
Prefix
Device #
Suffix
5261
J
Product
Number
CAT
Optional
Company ID
I
-TE13
Tape & Reel
TE13: 2000/Reel
-50
Resistance
-50: 50kohm
-00: 100kohm
Package
J: SOIC
U: TSSOP
W: SOIC (Lead free, Halogen free)
Y: TSSOP (Lead free, Halogen free)
All Dimensions in inches (mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com