Electronic Components Datasheet Search
  English  ▼

X  

RT9101 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RT9101
Description  Rotational Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT9101 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RT9101 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9101 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9101 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
7800 Deering Avenue • Canoga Park, CA • 91309 • tel: (800) 423-5483 • (818) 884-6860 • fax: (818) 340-1175
www.celesco.com • info@celesco.com
2
RT9101-
-
-
10
1
order code:
R
A
B
C
D
E
F
G
order code:
enclosure material:
A
powder-painted aluminum
303 stainless steel
12
order code:
shaft diameter:
mounting holes:
B
0.25 inch diameter
6 mm diameter
8-32 x 0.25 in.
M4 x 6 mm
12
D
+in
-out
-in
+out
max cw rotation
max ccw rotation
in
out
common
1234
500
Ω
1K
Ω
5K
Ω
10K
Ω
5
0...30 mV/V adjustable bridge
order code:
sensing circuit:
full scale output:
adjustable from 0 to 30mV/V
zero adjust:
from full retraction to 50% of full stroke
order code:
order code:
R
clockwise shaft rotations, min:
accuracy (% of f.s.):
potentiometer cycle life*:
0R25
0R50
0001
0002
0003
0.25
0.50
1
2
3
0.30%
0.30%
0.30%
0.30%
0.30%
2.5 x 106
2.5 x 106
2.5 x 106
2.5 x 106
2.5 x 106
R
clockwise shaft rotations, min:
accuracy (% of f.s.):
potentiometer cycle life*:
0005
0010
0020
0030
0050
5
10203050
0.20%
0.15%
0.15%
0.15%
0.15%
5 x 105
2.5 x 105
2.5 x 105
2.5 x 105
2.5 x 105
w Ordering Information
Model Number:
Full Stroke Range:
Enclosure Material:
Mounting Configuration and Shaft Diameter:
RT9101 • Rotational Transducer • Potentiometric Output
Output Signals:
*note: potentiometer cycle life is defined as the minimum number of times the sensor can be cycled back and forth, from beginning to
end, before any measureable degradation of the output signal occurs.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com